Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8517 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8517
Description  7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8517 Datasheet(HTML) 2 Page - Analog Devices

  AD8517 Datasheet HTML 1Page - Analog Devices AD8517 Datasheet HTML 2Page - Analog Devices AD8517 Datasheet HTML 3Page - Analog Devices AD8517 Datasheet HTML 4Page - Analog Devices AD8517 Datasheet HTML 5Page - Analog Devices AD8517 Datasheet HTML 6Page - Analog Devices AD8517 Datasheet HTML 7Page - Analog Devices AD8517 Datasheet HTML 8Page - Analog Devices AD8517 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. B
AD8517/AD8527–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
AD8517ART (SOT-23-5)
VOS
1.3
3.5
mV
–40
°C ≤ T
A
≤ +125°C5
mV
AD8527
VOS
1.3
3.5
mV
–40
°C ≤ TA ≤ +125°C5
mV
Input Bias Current
IB
450
nA
–40
°C ≤ TA ≤ +125°C
900
nA
Input Offset Current
IOS
±225
nA
–40
°C ≤ T
A
≤ +125°C
±750
nA
Input Voltage Range
VCM
05
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ VCM ≤ 5.0 V,
–40
°C ≤ T
A
≤ +125°C60
70
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω, 0.5 V < VOUT < 4.5 V
20
V/mV
RL = 10 k
Ω, 0.5 V < VOUT < 4.5 V
50
100
V/mV
RL = 10 k
Ω, –40°C ≤ T
A
≤ +125°C
30
V/mV
Offset Voltage Drift
∆VOS/∆T2
µV/°C
Bias Current Drift
∆IB/∆T
500
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 250
µA,
–40
°C ≤ T
A
≤ +125°C
4.965
V
IL = 5 mA
4.70
V
Output Voltage Swing Low
VOL
IL = 250
µA,
–40
°C ≤ T
A
≤ +125°C35
mV
IL = 5 mA
200
mV
Short Circuit Current
ISC
Short to Ground, Instantaneous
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.2 V to 6 V
90
dB
–40
°C ≤ TA ≤ +125°C65
dB
Supply Current/Amplifier
ISY
VOUT = 2.5 V
900
1,200
µA
–40
°C ≤ T
A
≤ +125°C
1,400
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
1 V < VOUT < 4 V, RL = 10 k
Ω
8V/
µs
Gain Bandwidth Product
GBP
7
MHz
Settling Time
TS
4 V Step, 0.1%
400
ns
Phase Margin
φ
m
50
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.5
µV p-p
Voltage Noise Density
en
f = 1 kHz
15
nV/
√Hz
Current Noise Density
in
f = 1 kHz
1.2
pA/
√Hz
Specifications subject to change without notice.
(VS = 5.0 V, V– = 0 V, VCM = 2.5 V, TA = 25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com