Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB1100L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB1100L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB1100L
Download  AOB1100L Download
File Size   297.58 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel Rugged Planar MOSFET

AOB1100L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB1100L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB1100L
Download  AOB1100L Click to download

File Size   297.58 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel Rugged Planar MOSFET

AOB1100L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB1100L Product details

General Description
The AOT1100L/AOB1100L uses a robust technology that is designed to provide efficient and reliable power conversion even in the most demanding applications, including motor control. With low RDS(ON) and excellent thermal capability this device is appropriate for high current switching and can endure adverse operating conditions.This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
    VDS                                    100V
    ID (at VGS=10V)                130A
    RDS(ON) (at VGS=10V) < 12mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOB1100L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB1100L ISC-AOB1100L Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB1100L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB1404L AOSMD-AOB1404L Datasheet
431Kb / 6P
40V N-Channel Rugged Planar MOSFET
AOB1606L AOSMD-AOB1606L Datasheet
410Kb / 6P
60V N-Channel Rugged Planar MOSFET
AOB1608L AOSMD-AOB1608L Datasheet
421Kb / 6P
60V N-Channel Rugged Planar MOSFET
logo
Thinki Semiconductor Co...
CEP60N10 THINKISEMI-CEP60N10 Datasheet
1Mb / 5P
60A,100V Heatsink Planar N-Channel Power MOSFET
FQP70N10 THINKISEMI-FQP70N10 Datasheet
1Mb / 7P
57A,100V Heatsink Planar N-Channel Power MOSFET
IRF3710PBF THINKISEMI-IRF3710PBF Datasheet
1Mb / 7P
57A,100V Heatsink Planar N-Channel Power MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com