Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB1608L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB1608L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB1608L
Download  AOB1608L Download
File Size   421.17 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel Rugged Planar MOSFET

AOB1608L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB1608L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB1608L
Download  AOB1608L Click to download

File Size   421.17 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel Rugged Planar MOSFET

AOB1608L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB1608L Product details

General Description
The AOT1608L/AOB1608L uses a robust technology that is designed to provide efficient and reliable power conversion even in the most demanding applications, including motor control. With low RDS(ON) and excellent thermal capability this device is appropriate for high current switching and can endure adverse operating conditions.

Product Summary
    VDS                                    60V
    ID (at VGS=10V)                140A
    RDS(ON) (at VGS=10V) < 7.6mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOB1608L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB1608L ISC-AOB1608L Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB1608L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB1100L AOSMD-AOB1100L Datasheet
297Kb / 6P
100V N-Channel Rugged Planar MOSFET
AOB1404L AOSMD-AOB1404L Datasheet
431Kb / 6P
40V N-Channel Rugged Planar MOSFET
AOB1606L AOSMD-AOB1606L Datasheet
410Kb / 6P
60V N-Channel Rugged Planar MOSFET
logo
Thinki Semiconductor Co...
FQP65N06 THINKISEMI-FQP65N06 Datasheet
1Mb / 6P
65A,60V Heatsink Planar N-Channel Power MOSFET
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
FQP70N06 THINKISEMI-FQP70N06 Datasheet
1Mb / 7P
70A,60V Heatsink Planar N-Channel Power MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com