Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD871SE Datasheet (PDF) - Analog Devices

AD871SE Datasheet PDF - Analog Devices
Part # AD871SE
Download  AD871SE Download
File Size   378.99 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 5 MSPS Monolithic A/D Converter

AD871SE Datasheet (PDF)

Go To PDF Page Download Datasheet
AD871SE Datasheet PDF - Analog Devices

Part # AD871SE
Download  AD871SE Click to download

File Size   378.99 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 5 MSPS Monolithic A/D Converter

AD871SE Datasheet (HTML) - Analog Devices


AD871SE Product details

PRODUCT DESCRIPTION
The AD871 is a monolithic 12-bit, 5 MSPS analog-to-digital converter with an on-chip, high performance track-and-hold amplifier and voltage reference. The AD871 uses a multistage differential pipelined architecture with error correction logic to provide 12-bit accuracy at 5 MSPS data rates and guarantees no missing codes over the full operating temperature range. The AD871 is a redesigned variation of the AD872 12-bit, 10 MSPS ADC, optimized for lower noise in applications requiring sampling rates of 5 MSPS or less. The AD871 is pin compatible with the AD872, allowing the parts to be used interchangeably as system requirements change.

FEATURES
   Monolithic 12-Bit 5 MSPS A/D Converter
   Low Noise: 0.17 LSB RMS Referred to Input
   No Missing Codes Guaranteed
   Differential Nonlinearity Error: 0.5 LSB
   Signal-to-Noise and Distortion Ratio: 68 dB
   Spurious-Free Dynamic Range: 73 dB
   Power Dissipation: 1.03 W
   Complete: On-Chip Track-and-Hold Amplifier and
      Voltage Reference
   Pin Compatible with the AD872
   Twos Complement Binary Output Data
   Out of Range Indicator
   28-Lead Side Brazed Ceramic DIP or 44-Terminal
      Surface Mount Package




Similar Part No. - AD871SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD871SE ETC2-AD871SE Datasheet
54Kb / 12P
MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD871SE883B ETC2-AD871SE883B Datasheet
54Kb / 12P
MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
More results


Similar Description - AD871SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD872A AD-AD872A Datasheet
330Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com