Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD9N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD9N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD9N50
Download  AOD9N50 Download
File Size   393.95 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V,9A N-Channel MOSFET

AOD9N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD9N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD9N50
Download  AOD9N50 Click to download

File Size   393.95 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V,9A N-Channel MOSFET

AOD9N50 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOD9N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD9N50 ISC-AOD9N50 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD9N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
N-Channel MOSFET 500V, 9A, 0.85廓
logo
Unisonic Technologies
9N50 UTC-9N50 Datasheet
180Kb / 6P
9A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK9N90 AOSMD-AOK9N90 Datasheet
295Kb / 5P
900V,9A N-Channel MOSFET
AOT9N50 AOSMD-AOT9N50 Datasheet
164Kb / 6P
500V, 9A N-Channel MOSFET
AOTF9N90 AOSMD-AOTF9N90 Datasheet
301Kb / 5P
900V, 9A N-Channel MOSFET
logo
Rohm
R5009FNJ ROHM-R5009FNJ Datasheet
3Mb / 14P
Nch 500V 9A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
DONGGUAN YOU FENG WEI E...
9N50B YFWDIODE-9N50B Datasheet
765Kb / 5P
9A 500V N-channel enhanced field effect transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com