Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N50 Datasheet (PDF) - Unisonic Technologies

9N50 Datasheet PDF - Unisonic Technologies
Part # 9N50
Download  9N50 Download
File Size   180.33 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 500V N-CHANNEL POWER MOSFET

9N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
9N50 Datasheet PDF - Unisonic Technologies

Part # 9N50
Download  9N50 Click to download

File Size   180.33 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 500V N-CHANNEL POWER MOSFET

9N50 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 9N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
9N50 ISC-9N50 Datasheet
54Kb / 2P
Fast Switching Speed
logo
VBsemi Electronics Co.,...
9N50 VBSEMI-9N50 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
9N50B YFWDIODE-9N50B Datasheet
765Kb / 5P
9A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
9N50C FAIRCHILD-9N50C Datasheet
845Kb / 10P
500V N-Channel MOSFET
9N50C FAIRCHILD-9N50C Datasheet
802Kb / 9P
500V N-Channel MOSFET
More results


Similar Description - 9N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
N-Channel MOSFET 500V, 9A, 0.85廓
logo
Unisonic Technologies
9N65 UTC-9N65 Datasheet
177Kb / 5P
9A, 650V N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
9A, 900V N-CHANNEL POWER MOSFET
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
200V, 9A N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD9N50 AOSMD-AOD9N50 Datasheet
393Kb / 6P
500V,9A N-Channel MOSFET
AOT9N50 AOSMD-AOT9N50 Datasheet
164Kb / 6P
500V, 9A N-Channel MOSFET
logo
Rohm
R5009FNJ ROHM-R5009FNJ Datasheet
3Mb / 14P
Nch 500V 9A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
N-Channel Power MOSFET 500V, 9A, 0.9廓
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com