Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N65 Datasheet (PDF) - Unisonic Technologies

9N65 Datasheet PDF - Unisonic Technologies
Part # 9N65
Download  9N65 Download
File Size   177.83 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 650V N-CHANNEL POWER MOSFET

9N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
9N65 Datasheet PDF - Unisonic Technologies

Part # 9N65
Download  9N65 Click to download

File Size   177.83 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 650V N-CHANNEL POWER MOSFET

9N65 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 9N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
9N65 ISC-9N65 Datasheet
67Kb / 2P
Fast Switching Speed
logo
VBsemi Electronics Co.,...
9N65 VBSEMI-9N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
9N65A YFWDIODE-9N65A Datasheet
961Kb / 6P
9A 650V N-channel enhancement mode field effect transistor
logo
VBsemi Electronics Co.,...
9N65CTI VBSEMI-9N65CTI Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
9N65G-TA3-T VBSEMI-9N65G-TA3-T Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results


Similar Description - 9N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N40 UTC-9N40 Datasheet
158Kb / 4P
9A, 400V N-CHANNEL POWER MOSFET
9N50 UTC-9N50 Datasheet
180Kb / 6P
9A, 500V N-CHANNEL POWER MOSFET
9N70 UTC-9N70 Datasheet
147Kb / 3P
9A, 700V N-CHANNEL POWER MOSFET
9N80_1112 UTC-9N80_1112 Datasheet
203Kb / 5P
9A, 800V N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
9A, 900V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
200V, 9A N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
N-Channel Power MOSFET (200V/9A)
logo
Rohm
R6509END3 ROHM-R6509END3 Datasheet
2Mb / 14P
Nch 650V 9A Power MOSFET
R6509KND3 ROHM-R6509KND3 Datasheet
2Mb / 14P
Nch 650V 9A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com