Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRI630 Datasheet (PDF) - First Silicon Co., Ltd

BRI630 Datasheet PDF - First Silicon Co., Ltd
Part # BRI630
Download  BRI630 Download
File Size   600.09 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description N-Channel Power MOSFET (200V/9A)

BRI630 Datasheet (PDF)

Go To PDF Page Download Datasheet
BRI630 Datasheet PDF - First Silicon Co., Ltd

Part # BRI630
Download  BRI630 Click to download

File Size   600.09 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description N-Channel Power MOSFET (200V/9A)

BRI630 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - BRI630

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRI1N60 FOSHAN-BRI1N60 Datasheet
864Kb / 6P
N-CHANNEL MOSFET in a TO-251 Plastic Package
BRI2N60 FOSHAN-BRI2N60 Datasheet
796Kb / 6P
N-CHANNEL MOSFET in a TO-251 Plastic Package
BRI3N25 FOSHAN-BRI3N25 Datasheet
1,023Kb / 6P
N-CHANNEL MOSFET in a TO-251 Plastic Package
logo
Eldeco Srl
BRI52-A4 ELDECO-BRI52-A4 Datasheet
508Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 24A
logo
PHOENIX CONTACT
BRIDGES PHOENIX-BRIDGES Datasheet
113Kb / 6P
PIT 2,5 BU
More results


Similar Description - BRI630

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
N-Channel Power MOSFETs, 9A, 150V/200V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
June 1999
logo
International Rectifier
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
9N65 UTC-9N65 Datasheet
177Kb / 5P
9A, 650V N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
9A, 900V N-CHANNEL POWER MOSFET
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
200V, 9A N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
9A,200V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
630 WXDH-630 Datasheet
1Mb / 11P
9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com