Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9049 Datasheet (PDF) - Analog Devices

AD9049 Datasheet PDF - Analog Devices
Part # AD9049
Download  AD9049 Download
File Size   295.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9-Bit, 30 MSPS ADC

AD9049 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9049 Datasheet PDF - Analog Devices

Part # AD9049
Download  AD9049 Click to download

File Size   295.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9-Bit, 30 MSPS ADC

AD9049 Datasheet (HTML) - Analog Devices


AD9049 Product details

PRODUCT DESCRIPTION
The AD9049 is a complete 9-bit monolithic sampling analog-to-digital converter (ADC) with an onboard track-and-hold and reference. The unit is designed for low cost, high performance applications and requires only +5 V and an encode clock to achieve 30 MSPS sample rates with 9-bit resolution.

FEATURES
   Low Power: 300 mW
   On-Chip T/H, Reference
   Single +5 V Power Supply Operation
   Selectable 5 V or 3 V Logic I/O
   Wide Dynamic Performance
  
APPLICATIONS
   Digital Communications
   Professional Video
   Medical Imaging
   Instrumentation




Similar Part No. - AD9049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9049 AD-AD9049_15 Datasheet
299Kb / 12P
9 BIT 30 MSPS ADC
REV. A
More results


Similar Description - AD9049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7760 AD-AD7760 Datasheet
868Kb / 22P
2.5 MSPS, 20-Bit ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9049 AD-AD9049_15 Datasheet
299Kb / 12P
9 BIT 30 MSPS ADC
REV. A
AD9410 AD-AD9410_15 Datasheet
463Kb / 20P
10-Bit, 210 MSPS ADC
REV. A
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com