Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9066 Datasheet (PDF) - Analog Devices

AD9066 Datasheet PDF - Analog Devices
Part # AD9066
Download  AD9066 Download
File Size   99.42 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 6-Bit, 60 MSPS Monolithic A/D Converter

AD9066 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9066 Datasheet PDF - Analog Devices

Part # AD9066
Download  AD9066 Click to download

File Size   99.42 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 6-Bit, 60 MSPS Monolithic A/D Converter

AD9066 Datasheet (HTML) - Analog Devices


AD9066 Product details

PRODUCT DESCRIPTION
The AD9066 is a dual 6-bit ADC that has been optimized for low-cost in-phase and quadrature (I and Q) demodulators. Primary applications include digital direct broadcast satellite applications where broadband quadrature phase shift keying (QPSK) modulation is used. In these receivers the recovered signal is separated into I and Q vector components and digitized.

FEATURES
   Two Matched ADCs on Single Chip
   CMOS-Compatible I/O
   Low-Power (400 mW) Dissipation
   Single +5 V Supply
   On-Chip Voltage Reference
   Self-Biased for AC-Coupled Inputs
   28-Lead SOIC and SSOP Packages

APPLICATIONS
   Direct Broadcast Satellite (DBS) Receivers
   QAM Demodulators
   Wireless LANs
   VSAT Receivers




Similar Part No. - AD9066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
94Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066AR AD-AD9066AR Datasheet
94Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066ARS AD-AD9066ARS Datasheet
94Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066JR AD-AD9066JR Datasheet
94Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066JR-REEL AD-AD9066JR-REEL Datasheet
94Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
More results


Similar Description - AD9066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9059 AD-AD9059 Datasheet
190Kb / 12P
Dual 8-Bit, 60 MSPS A/D Converter
REV.0
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9066JR-REEL AD-AD9066JR-REEL Datasheet
94Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
10-Bit, 60 MSPS A-D Converter
REV. C
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
10-Bit 60 MSPS A/D Converter
REV. C
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
10-Bit, 60 MSPS A/D Converter
REV. C
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
Dual 8-Bit, 60 MSPS A/D Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com