Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7866 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7866 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7866
Download  SPT7866 Download
File Size   148.46 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 60 MSPS A/D CONVERTER

SPT7866 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7866 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7866
Download  SPT7866 Click to download

File Size   148.46 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 60 MSPS A/D CONVERTER

SPT7866 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7866 Product details

GENERAL DESCRIPTION
The SPT7866 is a 10-bit, 60 MSPS analog-to-digital converter with low power dissipation at only 480 mW typical at 60 MSPS with a power supply of +5.0 V.The digital outputs are +3 V or +5 V, and are user selectable. The SPT7866 has incorporated proprietary circuit design and CMOS processing technologies to achieve its advanced performance. Inputs and outputs are TTL/CMOS compatible to interface with TTL/CMOS logic systems. Output data format is offset binary.
The SPT7866 is available in a 28-lead SSOP package over the commercial temperature range.

FEATURES
• 60 MSPS maximum sample rate
• 9.4 effective number of bits at ƒ IN = 10 MHz and ƒS = 60 MSPS
• 2V P-P full-scale input range
• Differential input 2.5 V common mode
• Internal or external voltage reference
• Common-mode voltage reference output
• +3 V / +5 V digital output logic compatibility
• +5 V analog power supply
• Sleep mode power dissipation: 55 mW

APPLICATIONS
• Video imaging
• Medical imaging
• Radar receivers
• IR imaging
• Digital communications




Similar Part No. - SPT7866

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860SCS FAIRCHILD-SPT7860SCS Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860SCS CADEKA-SPT7860SCS Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860SCT FAIRCHILD-SPT7860SCT Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Similar Description - SPT7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
10-Bit 60 MSPS A/D Converter
REV.A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
AD9051 AD-AD9051 Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
10-Bit, 60 MSPS A/D Converter
02 1999
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
10-Bit, 60 MSPS A-D Converter
REV. C
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
10-Bit 60 MSPS A/D Converter
REV. C
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
10-Bit, 60 MSPS A/D Converter
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com