Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7866 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7866
Description  10-BIT, 60 MSPS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7866 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7866 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
11/20/01
SPT7866
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur) 25 °C
Supply Voltages
VDD ...................................................................... 6.0 V
OVDD .................................................................... 6.0 V
Input Voltages
Analog Input ................................. –0.3 V to VDD +0.7 V
CLK Input ..................................... –0.3 V to VDD +0.7 V
Note: Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal applied conditions in typical
applications.
Output
Digital Outputs .............................. –0.3 V to VDD +0.7 V
Temperature
Operating Temperature ............................... 0 to +70 °C
Storage Temperature ............................ –65 to +150 °C
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=+5.0 V, ƒS=60 MSPS, VREFH=3.0 V, VREFL=2.0 V, OVDD=3.0 V, unless otherwise specified.
TEST
TEST
SPT7866
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
10
Bits
DC Accuracy
Differential Linearity Error (DLE)
@ +25 °C
V
±0.8
LSB
full temperature
V
±0.8
LSB
Integral Linearity Error (ILE)
@ +25 °C
V
±0.6
LSB
full temperature
V
±1.0
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range (Differential)
V
±1
V
Input Common Mode (VCM)
IV
2
2.5
3
V
Input Capacitance
V
4
pF
Input Bandwidth
V
97
MHz
Common Mode Rejection Ratio (CMRR)
V
57
dB
Timing Characteristics
Conversion Rate
VI
60
MSPS
Pipeline Delay (Latency)
IV
6
clocks
Output Delay (tD)IV
7
ns
Aperture Delay Time (tAP)V
1
ns
Aperture Jitter Time
V
11
ps (rms)
Dynamic Performance
Effective Number of Bits (ENOB)
ƒIN = 10 MHz, ƒCLK = 60 MSPS
25 °C
I
9.3
9.4
Bits
0 °C to +70 °C
IV
9.3
9.4
Bits
Signal-to-Noise Ratio (SNR)
ƒIN = 10 MHz, ƒCLK = 60 MSPS
25 °C
I
58
59
dB
0 °C to +70 °C
IV
57
59
dB
Total Harmonic Distortion (THD)
ƒIN = 10 MHz, ƒCLK = 60 MSPS
25 °C
I
–71
–66
dB
0 °C to +70 °C
IV
–69
–66
dB
Signal-to-Noise and Distortion (SINAD)
ƒIN = 10 MHz, ƒCLK = 60 MSPS
25 °C
I
57
58
dB
0 °C to +70 °C
IV
57
58
dB
Spurious Free Dynamic Range (SFDR)
ƒIN = 10 MHz, ƒCLK = 60 MSPS
25 °C
I
67
73
dB
0 °C to +70 °C
IV
67
71
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com