Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9070 Datasheet (PDF) - Analog Devices

AD9070 Datasheet PDF - Analog Devices
Part # AD9070
Download  AD9070 Download
File Size   254.55 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 100 MSPS A/D Converter

AD9070 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9070 Datasheet PDF - Analog Devices

Part # AD9070
Download  AD9070 Click to download

File Size   254.55 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 100 MSPS A/D Converter

AD9070 Datasheet (HTML) - Analog Devices


AD9070 Product details

GENERAL DESCRIPTION
The AD9070 is a monolithic sampling analog-to-digital converter with an on-chip track-and-hold circuit and ECL digital interfaces. The product operates at a 100 MSPS conversion rate with outstanding dynamic performance over its full operating range.

FEATURES
    10-Bit, 100 MSPS ADC
    Low Power: 600 mW Typical at 100 MSPS
    On-Chip Track/Hold
    230 MHz Analog Bandwidth
    SINAD = 54 dB @ 41 MHz
    On-Chip Reference
    1 V p-p Analog Input Range
    Single Supply Operation: +5 V or –5 V
    Differential Clock Input
    Available in Standard Military Drawing Version

APPLICATIONS
    Digital Communications
    Signal Intelligence
    Digital Oscilloscopes
    Spectrum Analyzers
    Medical Imaging
    Radar
    HDTV




Similar Part No. - AD9070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV. C
More results


Similar Description - AD9070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9071 AD-AD9071 Datasheet
161Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com