Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7840 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7840 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7840
Download  SPT7840 Download
File Size   188.05 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 10 MSPS, 100 mW A/D CONVERTER

SPT7840 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7840 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7840
Download  SPT7840 Click to download

File Size   188.05 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 10 MSPS, 100 mW A/D CONVERTER

SPT7840 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7840 Product details

GENERAL DESCRIPTION
The SPT7840 is a 10-bit monolithic, low-cost, ultralow-power analog-to-digital converter capable of minimum word rates of 10 MSPS. The on-chip track-and-hold function assures very good dynamic performance without the need for external components. The input drive requirements are minimized due to the SPT7840’s low input capacitance of only 5 pF.

FEATURES
• Monolithic 10 MSPS converter
• 100 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O

APPLICATIONS
• All high-speed applications where low power dissipation is required
• Video imaging
• Medical imaging
• IR imaging
• Scanners
• Digital communications




Similar Part No. - SPT7840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7840SCT FAIRCHILD-SPT7840SCT Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7840SIS FAIRCHILD-SPT7840SIS Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Similar Description - SPT7840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV.B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com