Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7835 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7835 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7835
Download  SPT7835 Download
File Size   186.61 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 5 MSPS, 75 mW A/D CONVERTER

SPT7835 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7835 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7835
Download  SPT7835 Click to download

File Size   186.61 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 5 MSPS, 75 mW A/D CONVERTER

SPT7835 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7835 Product details

GENERAL DESCRIPTION

The SPT7835 is a 10-bit monolithic, low-cost, ultralow power analog-to-digital converter capable of minimum word rates of 5 MSPS. The on-chip track-and-hold function assures very good dynamic performance without the need for external components. The input drive requirements are minimized due to the SPT7835’s low input capacitance of only 5 pF.

Power dissipation is extremely low at only 75 mW typical at 5 MSPS with a power supply of +5.0 V. The digital outputs are +3 V or +5 V, and are user selectable. The SPT7835 is pin-compatible with an entire family of 10-bit, CMOS converters (SPT7835/40/50/55/60/61), which simplifies upgrades. The SPT7835 has incorporated proprietary circuit design* and CMOS processing technologies to achieve its advanced performance. Inputs and outputs are TTL/CMOS-compatible to interface with TTL/CMOS logic systems. Output data format is straight binary.



FEATURES

• Monolithic 5 MSPS converter

• 75 mW power dissipation

• On-chip track-and-hold

• Single +5 V power supply

• TTL/CMOS outputs

• 5 pF input capacitance

• Low cost

• Tri-state output buffers

• High ESD protection: 3,500 V minimum

• Selectable +3 V or +5 V logic I/O



APPLICATIONS

• All high-speed applications where low power dissipation is required

• Video imaging

• Medical imaging

• IR imaging

• Scanners

• Digital communications



 




Similar Part No. - SPT7835

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7835SCT FAIRCHILD-SPT7835SCT Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7835SIS FAIRCHILD-SPT7835SIS Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
More results


Similar Description - SPT7835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
10-Bit 75 MSPS A/D Converter
REV.A
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7855 FAIRCHILD-SPT7855 Datasheet
86Kb / 11P
10-BIT, 25 MSPS, 135 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
10-Bit 75 MSPS A/D Converter
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com