Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9060 Datasheet (PDF) - Analog Devices

AD9060 Datasheet PDF - Analog Devices
Part # AD9060
Download  AD9060 Download
File Size   215.91 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit 75 MSPS A/D Converter

AD9060 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9060 Datasheet PDF - Analog Devices

Part # AD9060
Download  AD9060 Click to download

File Size   215.91 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit 75 MSPS A/D Converter

AD9060 Datasheet (HTML) - Analog Devices


AD9060 Product details

GENERAL DESCRIPTION

The AD9060 A/D converter is a 10-bit monolithic converter capable of word rates of 75 MSPS and above. Innovative architecture using 512 input comparators instead of the traditional 1024 required by other flash converters reduces input capacitance and improves linearity.

Inputs and outputs are ECL-compatible, which makes the AD9060 the recommended choice for systems with conversion rates >30 MSPS to minimize system noise. An overflow bit is provided to indicate analog input signals greater than +VSENSE.

Voltage sense lines are provided to ensure accurate driving of the ±VREF voltages applied to the units. Quarter-point taps on the resistor ladder help optimize the integral linearity of the unit.



FEATURES

  Monolithic 10-Bit/75 MSPS Converter

  ECL Outputs

  Bipolar (61.75 V) Analog Input

  57 dB SNR @ 2.3 MHz Input

  Low (45 pF) Input Capacitance

  MIL-STD-883 Compliant Versions Available



APPLICATIONS

  Digital Oscilloscopes

  Medical Imaging

  Professional Video

  Radar Warning/Guidance Systems

  Infrared Systems



 




Similar Part No. - AD9060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
10-Bit 75 MSPS A/D Converter
REV. B
More results


Similar Description - AD9060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
10-Bit 75 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com