Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9060 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9060
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060 Datasheet(HTML) 2 Page - Analog Devices

  AD9060 Datasheet HTML 1Page - Analog Devices AD9060 Datasheet HTML 2Page - Analog Devices AD9060 Datasheet HTML 3Page - Analog Devices AD9060 Datasheet HTML 4Page - Analog Devices AD9060 Datasheet HTML 5Page - Analog Devices AD9060 Datasheet HTML 6Page - Analog Devices AD9060 Datasheet HTML 7Page - Analog Devices AD9060 Datasheet HTML 8Page - Analog Devices AD9060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD9060–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
1
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
–VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –6 V
ANALOG IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . –2 V to +2 V
+VREF, –VREF, 3/4REF, 1/2REF, 1/4REF . . . . . . . . . –2 V to +2 V
+VREF to –VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0 V
ENCODE,
ENCODE . . . . . . . . . . . . . . . . . . . . . . . 0 V to –VS
3/4REF, 1/2REF, 1/4REF Current . . . . . . . . . . . . . . . . . .
±10 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature
AD9060JE/KE/JZ/KZ . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature
2 . . . . . . . . . . . . . . . +175
°C
Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . +300
°C
ELECTRICAL CHARACTERISTICS
Test
AD9060JE/JZ
AD9060KE/KZ
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
10
10
Bits
DC ACCURACY
3
Differential Nonlinearity
+25
°C
I
1.0
1.25
0.75
1.0
LSB
Full
VI
1.5
1.25
LSB
Integral Nonlinearity
+25
°C
I
1.25
2.0
1.0
1.5
LSB
Full
VI
2.5
2.0
LSB
No Missing Codes
Full
VI
Guaranteed
ANALOG INPUT
Input Bias Current
4
+25
°C
I
0.4
1.0
0.4
1.0
mA
Full
VI
2.0
2.0
mA
Input Resistance
+25
°C
I
2.0
7.0
2.0
7.0
k
Ω
Input Capacitance
4
+25
°C
V
45
45
pF
Analog Bandwidth
+25
°C
V
175
175
MHz
REFERENCE INPUT
Reference Ladder Resistance
+25
°C
I
22
37
56
22
37
56
Ω
Full
VI
14
66
14
66
Ω
Ladder Tempco
Full
V
0.1
0.1
Ω/°C
Reference Ladder Offset
Top of Ladder
+25
°C
I
45
90
45
90
mV
Full
VI
90
90
mV
Bottom of Ladder
+25
°C
I
45
90
45
90
mV
Full
VI
90
90
mV
Offset Drift Coefficient
Full
V
50
50
µV/°C
SWITCHING PERFORMANCE
Conversion Rate
+25
°C
I
75
75
MSPS
Aperture Delay (tA)
+25
°CV
1
1
ns
Aperture Uncertainty (Jitter)
+25
°C
V
5
5
ps, rms
Output Delay (tOD)
5
+25
°C
I
249249
ns
Output Rise Time
+25
°C
I
13
13
ns
Output Fall Time
+25
°C
I
13
13
ns
Output Time Slew
5
+25
°C
I
1.5
3
1.5
3
ns
DYNAMIC PERFORMANCE
Transient Response
+25
°C
V
10
10
ns
Overvoltage Recovery Time
+25
°C
V
10
10
ns
Effective Number of Bits (ENOB)
fIN = 2.3 MHz
+25
°C
I
8.7
9.1
8.7
9.1
Bits
fIN = 10.3 MHz
+25
°C
IV
8.0
8.6
8.0
8.6
Bits
fIN = 29.3 MHz
+25
°C
IV
7.0
7.4
7.0
7.4
Bits
Signal-to-Noise Ratio
6
fIN = 2.3 MHz
+25
°C
I
54
56
54
56
dB
fIN = 10.3 MHz
+25
°C
I
51
54
51
54
dB
fIN = 29.3 MHz
+25
°C
I
44
47
44
47
dB
(+VS = +5 V; –VS = –5.2 V;
VSENSE =
1.75 V; ENCODE = 60 MSPS
unless otherwise noted)3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com