Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7835 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT7835
Description  10-BIT, 5 MSPS, 75 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7835 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT7835 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
6/27/01
SPT7835
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF – VRHS = 2.25 % of (VRHF – VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will
equal:
VRLS – VRLF = 1.9 % of (VRHF – VRLF) (typical).
Figure 4 shows an example of expected voltage drops for
a specific case. VREF of 4.0 V is applied to VRHF, and VRLF
is tied to AGND. A 90 mV drop is seen at VRHS (= 3.91 V),
and a 75 mV increase is seen at VRLS (= 0.075 V).
ANALOG INPUT
VIN is the analog input. The input voltage range is from
VRLS to VRHS (typically 4.0 V) and will scale proportionally
with respect to the voltage reference. (See voltage refer-
ence section.)
The drive requirements for the analog inputs are very
minimal when compared to most other converters due to
the SPT7835’s extremely low input capacitance of only
5 pF and very high input resistance of 50 k
Ω.
The analog input should be protected through a series
resistor and diode clamping circuit as shown in figure 5.
Upon powerup, the SPT7835 begins its calibration algo-
rithm. In order to achieve the calibration accuracy re-
quired, the offset and gain adjustment step size is a frac-
tion of a 10-bit LSB. Since the calibration algorithm is an
oversampling process, a minimum of 10,000 clock cycles
are required. This results in a minimum calibration time
upon powerup of 1 msec for a 5 MHz sample rate. Once
calibrated, the SPT7835 remains calibrated over time and
temperature.
Since the calibration cycles are initiated on the rising edge
of the clock, the clock must be continuously applied for the
SPT7835 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection
circuit shown in figure 6. This circuit provides ESD robust-
ness to 3.5 kV and prevents latch-up under severe dis-
charge conditions without degrading analog transition
times.
Figure 5 – Recommended Input Protection Circuit
47 W
D1
D2
ADC
Buffer
AVDD
+V
–V
D1 = D2 = Hewlett-Packard HP5712 or equivalent
Figure 6 – On-Chip Protection Circuit
VDD
Analog
Pad
120 W
120 W
CALIBRATION
The SPT7835 uses an auto-calibration scheme to ensure
10-bit accuracy over time and temperature. Gain and off-
set errors are continually adjusted to 10-bit accuracy
during device operation. This process is completely trans-
parent to the user.
POWER SUPPLY SEQUENCING CONSIDERATIONS
All logic inputs should be held low until power to the device
has settled to the specific tolerances. Avoid power decou-
pling networks with large time constants that could delay
VDD power to the device.
CLOCK INPUT
The SPT7835 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over
a wide range of input clock duty cycles without degrading
the dynamic performance. The device’s sample rate is
1/2 of the input clock frequency. (See figure 1A timing
diagram.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com