Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7835 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7835
Description  10-BIT, 5 MSPS, 75 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7835 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7835 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
6/27/01
SPT7835
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒCLK=10 MHz, ƒS=5 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7835
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
10
Bits
DC Accuracy
Integral Linearity Error (ILE)
VI
±1.0
LSB
Differential Linearity Error (DLE)
VI
±0.5
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range
VI
VRLS
VRHS
V
Input Resistance
IV
50
k
Ω
Input Capacitance
V
5.0
pF
Input Bandwidth
(Small Signal)
V
100
MHz
Offset
V
±2.0
LSB
Gain Error
V
±2.0
LSB
Reference Input
Resistance
VI
400
500
600
Ω
Bandwidth
V
100
150
MHz
Voltage Range
VRLS
IV
0
2.0
V
VRHS
IV
3.0
AVDD
V
VRHS – VRLS
V
1.0
4.0
5.0
V
∆(VRHF – VRHS)V
90
mV
∆(VRLS – VRLF)V
75
mV
Reference Settling Time
VRHS
V
15
Clock Cycles
VRLS
V
20
Clock Cycles
Conversion Characteristics
Maximum Conversion Rate
VI
5
MHz
Minimum Conversion Rate
IV
2
MHz
Pipeline Delay (Latency)
IV
12
Clock Cycles
Aperture Delay Time
V
5
ns
Aperture Jitter Time
V
10
ps (p-p)
Dynamic Performance
Effective Number of Bits (ENOB)
ƒIN = 1 MHz
VI
9.2
Bits
Signal-to-Noise Ratio (SNR)
(without Harmonics)
ƒIN = 1 MHz
VI
54
59
dB
Supply Voltages
AVDD ...................................................................... +6 V
DVDD ..................................................................... +6 V
Input Voltages
Analog Input .............................. –0.5 V to AVDD +0.5 V
VREF .............................................................. 0 to AVDD
CLK Input ............................................................... VDD
AVDD – DVDD .................................................. ±100 mV
AGND – DGND .............................................. ±100 mV
Output
Digital Outputs ................................................... 10 mA
Temperature
Operating Temperature ............................ –40 to 85 °C
Junction Temperature ........................................ 175 °C
Lead Temperature, (soldering 10 seconds) ....... 300 °C
Storage Temperature ............................ –65 to +150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com