Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7835 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7835
Description  10-BIT, 5 MSPS, 75 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7835 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7835 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7835 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPT7835
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
TECHNICAL DATA
JUNE 27, 2001
FEATURES
• Monolithic 5 MSPS converter
• 75 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O
APPLICATIONS
• All high-speed applications where low power
dissipation is required
• Video imaging
• Medical imaging
• IR imaging
• Scanners
• Digital communications
GENERAL DESCRIPTION
The SPT7835 is a 10-bit monolithic, low-cost, ultralow-
power analog-to-digital converter capable of minimum
word rates of 5 MSPS. The on-chip track-and-hold func-
tion assures very good dynamic performance without the
need for external components. The input drive require-
ments are minimized due to the SPT7835’s low input
capacitance of only 5 pF.
Power dissipation is extremely low at only 75 mW typical
at 5 MSPS with a power supply of +5.0 V. The digital out-
puts are +3 V or +5 V, and are user selectable. The
SPT7835 is pin-compatible with an entire family of 10-bit,
CMOS converters (SPT7835/40/50/55/60/61), which sim-
plifies upgrades. The SPT7835 has incorporated propri-
etary circuit design* and CMOS processing technologies
to achieve its advanced performance. Inputs and outputs
are TTL/CMOS-compatible to interface with TTL/CMOS
logic systems. Output data format is straight binary.
The SPT7835 is available in a 28-lead SOIC package over
the industrial temperature range, and a 32-lead small
(7 mm square) TQFP package over the commercial
temperature range.
*Patent pending
BLOCK DIAGRAM
11-Bit
SAR
DAC
ADC Section 1
T/H
11
11-Bit
SAR
DAC
ADC Section 8
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
11
VREF
1:8
Mux
11
11
11
11
11-Bit
8:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P7
P8
ADC Section 2
ADC Section 7
Reference Ladder
Ref
In
Enable
CLK In
Data
Valid
AIN
D10 Overrange
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
...
...
...
...


Similar Part No. - SPT7835

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7835SCT FAIRCHILD-SPT7835SCT Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7835SIS FAIRCHILD-SPT7835SIS Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
More results

Similar Description - SPT7835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
10-Bit 75 MSPS A/D Converter
REV.A
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7855 FAIRCHILD-SPT7855 Datasheet
86Kb / 11P
10-BIT, 25 MSPS, 135 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
10-Bit 75 MSPS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com