Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7840 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7840
Description  10-BIT, 10 MSPS, 100 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7840 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7840 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPT7840
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
TECHNICAL DATA
JUNE 27, 2001
FEATURES
• Monolithic 10 MSPS converter
• 100 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O
APPLICATIONS
• All high-speed applications where low power
dissipation is required
• Video imaging
• Medical imaging
• IR imaging
• Scanners
• Digital communications
GENERAL DESCRIPTION
The SPT7840 is a 10-bit monolithic, low-cost, ultralow-
power analog-to-digital converter capable of minimum
word rates of 10 MSPS. The on-chip track-and-hold func-
tion assures very good dynamic performance without the
need for external components. The input drive require-
ments are minimized due to the SPT7840’s low input
capacitance of only 5 pF.
Power dissipation is extremely low at only 100 mW typical
(120 mW maximum) at 10 MSPS with a power supply of
+5.0 V. The digital outputs are +3 V or +5 V, and are user
selectable. The SPT7840 is pin-compatible with an entire
family of 10-bit, CMOS converters (SPT7835/40/50/55/60/
61), which simplifies upgrades. The SPT7840 has incorpo-
rated proprietary circuit design* and CMOS processing
technologies to achieve its advanced performance. Inputs
and outputs are TTL/CMOS-compatible to interface with
TTL/CMOS logic systems. Output data format is straight
binary.
The SPT7840 is available in a 28-lead SOIC package over
the industrial temperature range, and a 32-lead small
(7 mm square) TQFP package over the commercial
temperature range.
*Patent pending
BLOCK DIAGRAM
11-Bit
SAR
DAC
ADC Section 1
T/H
11
11-Bit
SAR
DAC
ADC Section 8
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
11
VREF
1:8
Mux
11
11
11
11
11-Bit
8:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P7
P8
ADC Section 2
ADC Section 7
Reference Ladder
Ref
In
Enable
CLK In
Data
Valid
AIN
D10 Overrange
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
...
...
...
...


Similar Part No. - SPT7840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7840SCT FAIRCHILD-SPT7840SCT Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7840SIS FAIRCHILD-SPT7840SIS Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results

Similar Description - SPT7840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV.B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com