Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7840 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT7840
Description  10-BIT, 10 MSPS, 100 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7840 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT7840 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
6/27/01
SPT7840
PACKAGE OUTLINES
28-Lead SOIC
32-Lead TQFP
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.346
0.362
8.80
9.20
B
0.272
0.280
6.90
7.10
C
0.346
0.362
8.80
9.20
D
0.272
0.280
6.90
7.10
E
0.031 typ
0.80 BSC
F
0.012
0.016
0.30
0.40
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.037
0.041
0.95
1.05
J
0.007
0.17
K0°
7°
0°
7°
L
0.020
0.030
0.50
0.75
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.699
0.709
17.75
18.01
B
0.005
0.011
0.13
0.28
C
0.050 typ
1.27 typ
D
0.018 typ
0.46 typ
E
0.0077
0.0083
0.20
0.21
F
0.090
0.096
2.29
2.44
G
0.031
0.039
0.79
0.99
H
0.396
0.416
10.06
10.57
I
0.286
0.292
7.26
7.42
A
B
C D
E
F
J
K
L
GH
I
1
28
A
B
CD
E
F
G
I H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com