Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7840 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7840
Description  10-BIT, 10 MSPS, 100 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7840 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7840 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
6/27/01
SPT7840
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 2 shows the typical in-
terface requirements when using the SPT7840 in normal
circuit operation. The following sections provide descrip-
tions of the major functions and outline critical perfor-
mance criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
ply voltages on the SPT7840 be derived from a single ana-
log supply as shown in figure 2. A separate digital supply
using this power supply configuration to prevent a possible
latch-up condition on powerup.
OPERATING DESCRIPTION
The general architecture for the CMOS ADC is shown in
the block diagram. The design contains eight identical
successive approximation ADC sections, all operating in
parallel, a 16-phase clock generator, an 11-bit 8:1 digital
output multiplexer, correction logic, and a voltage refer-
ence generator that provides common reference levels for
each ADC section.
The high sample rate is achieved by using multiple SAR
ADC sections in parallel, each of which samples the input
signal in sequence. Each ADC uses 16 clock cycles to
complete a conversion. The clock cycles are allocated as
shown in table II.
VRHF
VRLS
VRLF
VRHS
VIN
CLK
VCAL
DAV
D10
D1
EN
AVDD AGND DGND* DVDD
Ref In
(+4 V)
VIN
CLK IN
Enable/Tri-State
(Enable = Active Low)
Interfacing
Logics
SPT7840
DGND
+
10 µF
+5 V
Digital
+5 V
Digital
RTN
3.3/5
L1
NOTES: 1) L1 is to be located as closely to the device as possible.
2) All capacitors are 0.1 µF surface-mount unless otherwise specified.
3) L1 is a 10 µH inductor or a ferrite bead.
+A5
AGND
+
10 µF
+5 V
Analog
+5 V
Analog
RTN
+A5
*To reduce the possibility of latch-up, avoid
connecting the DGND pins of the ADC to the
digital ground of the system.
3.3/5
3.3/5
D9
D8
D7
D6
D5
D4
D3
D2
D0
OVDD
OGND
Figure 2 – Typical Interface Circuit
CADEKA suggests that both the digital and the analog sup-
should be used for all interface circuitry. CADEKA suggests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com