Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD468 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD468 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD468
Download  AOD468 Download
File Size   312.23 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 300V,11.5A N-Channel MOSFET

AOD468 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD468 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD468
Download  AOD468 Click to download

File Size   312.23 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 300V,11.5A N-Channel MOSFET

AOD468 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD468 Product details

General Description
The AOD468 & AOI468 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.These parts are ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
    VDS                                  350V@150℃
    ID (at VGS=10V)               11.5A
    RDS(ON) (at VGS=10V) <0.42Ω
   
    100% UIS Tested!
    100% Rg Tested!




Similar Part No. - AOD468

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD468 ISC-AOD468 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD468

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
Alpha & Omega Semicondu...
AOT12N30 AOSMD-AOT12N30 Datasheet
330Kb / 6P
300V,11.5A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.75ohm
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com