Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT12N30 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT12N30 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT12N30
Download  AOT12N30 Download
File Size   330.49 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 300V,11.5A N-Channel MOSFET

AOT12N30 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT12N30 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT12N30
Download  AOT12N30 Click to download

File Size   330.49 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 300V,11.5A N-Channel MOSFET

AOT12N30 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT12N30 Product details

General Description
The AOT12N30/AOTF12N30 is fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability this parts can be adopted quickly into new and existing offline power supply designs.These parts are ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.
   
For Halogen Free add "L" suffix to part number:
AOT12N30L/AOTF12N30L

Product Summary
    VDS                                 350V@150℃
    ID (at VGS=10V)             11.5A
    RDS(ON) (at VGS=10V)  < 0.42Ω

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AOT12N30

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT12N30 VBSEMI-AOT12N30 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT12N30 ISC-AOT12N30 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT12N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
Alpha & Omega Semicondu...
AOD468 AOSMD-AOD468 Datasheet
312Kb / 6P
300V,11.5A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.75ohm
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com