Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260 Datasheet (PDF) - Analog Devices

AD9260 Datasheet PDF - Analog Devices
Part # AD9260
Download  AD9260 Download
File Size   572.92 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate

AD9260 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9260 Datasheet PDF - Analog Devices

Part # AD9260
Download  AD9260 Click to download

File Size   572.92 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate

AD9260 Datasheet (HTML) - Analog Devices


AD9260 Product details

PRODUCT DESCRIPTION
The AD9260 is a 16-bit, high-speed oversampled analog-to-digital converter (ADC) that offers exceptional dynamic range over a wide bandwidth. The AD9260 is manufactured on an advanced CMOS process. High dynamic range is achieved with an oversampling ratio of 8× through the use of a proprietary technique that combines the advantages of sigma-delta and pipeline converter technologies.
   
FEATURES
    Monolithic 16-bit, oversampled A/D converter
    8× oversampling mode, 20 MSPS clock
    2.5 MHz output word rate
    1.01 MHz signal passband with 0.004 dB ripple
    Signal-to-noise ratio: 88.5 dB
    Total harmonic distortion: –96 dB
    Spurious-free dynamic range: 100 dB
    Input referred noise: 0.6 LSB
    Selectable oversampling ratio: 1×, 2×, 4×, 8×
    Selectable power dissipation: 150 mW to 585 mW
    85 dB stop-band attenuation
    0.004 dB pass-band ripple
    Linear phase
    Single 5 V analog supply, 5 V/3 V digital supply
    Synchronize capability for parallel ADC interface
    Twos complement output data
    44-lead MQFP
   




Similar Part No. - AD9260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260AS AD-AD9260AS Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260ASRL AD-AD9260ASRL Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
More results


Similar Description - AD9260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV.D
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
Analog Devices
AD776 AD-AD776 Datasheet
921Kb / 12P
16-Bit 100 kSPS Oversampling ADC
REV. A
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
logo
Texas Instruments
ADS7881 TI1-ADS7881_14 Datasheet
1Mb / 32P
4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
logo
Analog Devices
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Linear Technology
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
24-Bit High Speed Differential ADC with Selectable Speed/Resolution
logo
Analog Devices
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
AD9260 AD-AD9260_17 Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com