Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9201ARSZ Datasheet (PDF) - Analog Devices

AD9201ARSZ Datasheet PDF - Analog Devices
Part # AD9201ARSZ
Download  AD9201ARSZ Download
File Size   75.8 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC

AD9201ARSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9201ARSZ Datasheet PDF - Analog Devices

Part # AD9201ARSZ
Download  AD9201ARSZ Click to download

File Size   75.8 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC

AD9201ARSZ Datasheet (HTML) - Analog Devices


AD9201ARSZ Product details

PRODUCT DESCRIPTION
The AD9201 is a complete dual channel, 20 MSPS, 10-bit CMOS ADC. The AD9201 is optimized specifically for applications where close matching between two ADCs is required (e.g., I/Q channels in communications applications). The 20 MHz sampling rate and wide input bandwidth will cover both narrowband and spread-spectrum channels. The AD9201 integrates two 10-bit, 20 MSPS ADCs, two input buffer amplifiers, an internal voltage reference and multiplexed digital output buffers.
   
FEATURES
    Complete Dual Matching ADCs
    Low Power Dissipation: 215 mW (+3 V Supply)
    Single Supply: 2.7 V to 5.5 V
    Differential Nonlinearity Error: 0.4 LSB
    On-Chip Analog Input Buffers
    On-Chip Reference
    Signal-to-Noise Ratio: 57.8 dB
    Over Nine Effective Bits
    Spurious-Free Dynamic Range: –73 dB
    No Missing Codes Guaranteed
    28-Lead SSOP
   




Similar Part No. - AD9201ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9201ARS AD-AD9201ARS Datasheet
431Kb / 20P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV.D
AD9201ARS AD-AD9201ARS Datasheet
467Kb / 21P
Resolution CMOS ADC
REV. D
More results


Similar Description - AD9201ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV.D
AD9281 AD-AD9281 Datasheet
406Kb / 19P
Dual Channel 8-Bit Resolution CMOS ADC
REV.E
logo
Exar Corporation
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
Dual 10-Bit 40MSPS CMOS ADC
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
Dual 10-Bit 50MSPS CMOS ADC
logo
Analog Devices
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281ARSRL AD-AD9281ARSRL Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com