Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9281ARSZ Datasheet (PDF) - Analog Devices

AD9281ARSZ Datasheet PDF - Analog Devices
Part # AD9281ARSZ
Download  AD9281ARSZ Download
File Size   329.76 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 8-Bit Resolution CMOS ADC

AD9281ARSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9281ARSZ Datasheet PDF - Analog Devices

Part # AD9281ARSZ
Download  AD9281ARSZ Click to download

File Size   329.76 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 8-Bit Resolution CMOS ADC

AD9281ARSZ Datasheet (HTML) - Analog Devices


AD9281ARSZ Product details

PRODUCT DESCRIPTION

The AD9281 is a complete dual channel, 28 MSPS, 8-bit CMOS ADC. The AD9281 is optimized specifically for applications where close matching between two ADCs is required (e.g., I/Q channels in communications applications). The 28 MHz sampling rate and wide input bandwidth will cover both narrow band and spread-spectrum channels. The AD9281 integrates two 8-bit, 28 MSPS ADCs, two input buffer amplifiers, an internal voltage reference and multiplexed digital output buffers.



FEATURES

Complete Dual Matching ADC

Low Power Dissipation: 225 mW (+3 V Supply)

Single Supply: 2.7 V to 5.5 V

Differential Nonlinearity Error: 0.1 LSB

On-Chip Analog Input Buffers

On-Chip Reference

Signal-to-Noise Ratio: 49.2 dB

Over Seven Effective Bits

Spurious-Free Dynamic Range: –65 dB

No Missing Codes Guaranteed

28-Lead SSOP




Similar Part No. - AD9281ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9281ARSZ AD-AD9281ARSZ Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
AD9281ARSZRL AD-AD9281ARSZRL Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
More results


Similar Description - AD9281ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV.D
AD9281 AD-AD9281 Datasheet
406Kb / 19P
Dual Channel 8-Bit Resolution CMOS ADC
REV.E
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
logo
Analog Devices
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281ARSRL AD-AD9281ARSRL Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
Dual-Channel, 8-Bit, 100Msps ADC
2010
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com