Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9281ARSZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9281ARSZ
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARSZ Datasheet(HTML) 3 Page - Analog Devices

  AD9281ARSZ Datasheet HTML 1Page - Analog Devices AD9281ARSZ Datasheet HTML 2Page - Analog Devices AD9281ARSZ Datasheet HTML 3Page - Analog Devices AD9281ARSZ Datasheet HTML 4Page - Analog Devices AD9281ARSZ Datasheet HTML 5Page - Analog Devices AD9281ARSZ Datasheet HTML 6Page - Analog Devices AD9281ARSZ Datasheet HTML 7Page - Analog Devices AD9281ARSZ Datasheet HTML 8Page - Analog Devices AD9281ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
–3–
AD9281
Parameter
Symbol
Min
Typ
Max
Units
Condition
DYNAMIC PERFORMANCE (SE)
1
Signal-to-Noise and Distortion
SINAD
f = 3.58 MHz
47.2
dB
Signal-to-Noise
SNR
f = 3.58 MHz
48
dB
Total Harmonic Distortion
THD
f = 3.58 MHz
–55
dB
Spurious Free Dynamic Range
SFDR
f = 3.58 MHz
–58
dB
DIGITAL INPUTS
High Input Voltage
VIH
2.4
V
Low Input Voltage
VIL
0.3
V
DC Leakage Current
IIN
±6
µA
Input Capacitance
CIN
2pF
LOGIC OUTPUT (with DVDD = 3 V)
High Level Output Voltage
(IOH = 50 µA)
VOH
2.88
V
Low Level Output Voltage
(IOL = 1.5 mA)
VOL
0.095
V
LOGIC OUTPUT (with DVDD = 5 V)
High Level Output Voltage
(IOH = 50 µA)
VOH
4.5
V
Low Level Output Voltage
(IOL = 1.5 mA)
VOL
0.4
V
Data Valid Delay
tOD
11
ns
MUX Select Delay
tMD
7ns
Data Enable Delay
tED
13
ns
CL = 20 pF. Output Level to
90% of Final Value
Data High-Z Delay
tDHZ
13
ns
CLOCKING
Clock Pulsewidth High
tCH
16.9
ns
Clock Pulsewidth Low
tCL
16.9
ns
Pipeline Latency
3.0
Cycles
NOTES
1SE is single ended input, REFT = 1.5 V, REFB = –0.5 V.
2AIN differential 2 V p-p, REFT = 1.5 V, REFB = –0.5 V.
3IMD referred to larger of two input signals.
Specifications subject to change without notice.
CLOCK
INPUT
SELECT
INPUT
DATA
OUTPUT
ADC SAMPLE
#2
ADC SAMPLE
#3
ADC SAMPLE
#4
ADC SAMPLE
#5
Q CHANNEL
OUTPUT ENABLED
I CHANNEL
OUTPUT ENABLED
SAMPLE #1-3
Q CHANNEL
OUTPUT
SAMPLE #1-2
Q CHANNEL
OUTPUT
SAMPLE #1-1
Q CHANNEL
OUTPUT
SAMPLE #1-1
I CHANNEL
OUTPUT
SAMPLE #1
Q CHANNEL
OUTPUT
SAMPLE #1
I CHANNEL
OUTPUT
SAMPLE #2
Q CHANNEL
OUTPUT
tMD
tOD
ADC SAMPLE
#1
Figure 1. ADC Timing
REV. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com