Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9281ARSZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9281ARSZ
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9281ARSZ Datasheet HTML 2Page - Analog Devices AD9281ARSZ Datasheet HTML 3Page - Analog Devices AD9281ARSZ Datasheet HTML 4Page - Analog Devices AD9281ARSZ Datasheet HTML 5Page - Analog Devices AD9281ARSZ Datasheet HTML 6Page - Analog Devices AD9281ARSZ Datasheet HTML 7Page - Analog Devices AD9281ARSZ Datasheet HTML 8Page - Analog Devices AD9281ARSZ Datasheet HTML 9Page - Analog Devices AD9281ARSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD9281
–6–
–Typical Characteristic Curves
(AVDD = +3 V, DVDD = +3 V, FS = 28 MHz (50% duty cycle), 2 V input span from –0.5 V to +1.5 V, 2 V internal reference unless otherwise noted)
CODE OFFSET
1
–1
0
0
16 32 48 64 80 96 112 128 144 160 176 192 208 224 240
Figure 3. Typical INL
CODE OFFSET
1
–1
0
0
16 32 48 64 80 96 112 128 144 160 176 192 208 224 240
Figure 4. Typical DNL
INPUT VOLTAGE – Volts
1.00
–1.00
–1.0
2.0
–0.5
0
0.5
1.0
1.5
0.80
0.20
–0.40
–0.60
–0.80
0.60
0.40
0.00
–0.20
Figure 5. Input Bias Current vs. Input Voltage
INPUT FREQUENCY – Hz
55
1.0E+05
50
45
40
35
30
25
1.0E+06
1.0E+07
1.0E+08
–0.5dB
–6dB
–20dB
Figure 6. SNR vs. Input Frequency
INPUT FREQUENCY – Hz
55
1.0E+05
50
45
40
35
30
25
1.0E+06
1.0E+07
1.0E+08
–0.5dB
–6dB
–20dB
Figure 7. SINAD vs. Input Frequency
INPUT FREQUENCY – Hz
–30
1.0E+05
–35
–40
–45
–50
–55
–60
1.0E+06
1.0E+07
1.0E+08
–65
–70
–0.5dB
–6dB
–20dB
Figure 8. THD vs. Input Frequency
REV. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com