Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9281ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9281ARSZ
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARSZ Datasheet(HTML) 2 Page - Analog Devices

  AD9281ARSZ Datasheet HTML 1Page - Analog Devices AD9281ARSZ Datasheet HTML 2Page - Analog Devices AD9281ARSZ Datasheet HTML 3Page - Analog Devices AD9281ARSZ Datasheet HTML 4Page - Analog Devices AD9281ARSZ Datasheet HTML 5Page - Analog Devices AD9281ARSZ Datasheet HTML 6Page - Analog Devices AD9281ARSZ Datasheet HTML 7Page - Analog Devices AD9281ARSZ Datasheet HTML 8Page - Analog Devices AD9281ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD9281–SPECIFICATIONS
(AVDD = +3 V, DVDD = +3 V, FSAMPLE = 28 MSPS, VREF = 2 V, INB = 0.5 V, TMIN to TMAX
unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Units
Condition
RESOLUTION
8
Bits
CONVERSION RATE
FS
28
MHz
(32 MHz at +25
°C)
DC ACCURACY
Differential Nonlinearity
DNL
±0.1
LSB
REFT = 1.0 V, REFB = 0.0 V
Integral Nonlinearity
INL
±0.25
LSB
Differential Nonlinearity (SE)
1
DNL
±0.2
±1.0
LSB
REFT = 1.0 V, REFB = 0.0 V
Integral Nonlinearity (SE)1
INL
±0.3
±1.5
LSB
Zero-Scale Error, Offset Error
EZS
±1
±3.2
% FS
Full-Scale Error, Gain Error
EFS
±1.2
±5.4
% FS
Gain Match
±0.2
LSB
Offset Match
±1.2
LSB
ANALOG INPUT
Input Voltage Range
AIN
–0.5
AVDD/2
V
Input Capacitance
CIN
2pF
Aperture Delay
tAP
4ns
Aperture Uncertainty (Jitter)
tAJ
2ps
Aperture Delay Match
2
ps
Input Bandwidth (–3 dB)
BW
Small Signal (–20 dB)
240
MHz
Full Power (0 dB)
245
MHz
INTERNAL REFERENCE
Output Voltage (1 V Mode)
VREF
1
V
REFSENSE = VREF
Output Voltage Tolerance (1 V Mode)
±10
mV
Output Voltage (2 V Mode)
VREF
2
V
REFSENSE = GND
Output Voltage Tolerance (2 V Mode)
±15
mV
Load Regulation (1 V Mode)
VREF
±10
±35
mV
1 mA Load Current
Load Regulation (2 V Mode)
±15
mV
1 mA Load Current
POWER SUPPLY
Operating Voltage
AVDD
2.7
3
5.5
V
DVDD
2.7
3
5.5
V
Supply Current
IAVDD
75
mA
IDVDD
0.1
mA
Power Consumption
PD
225
260
mW
Power-Down
16
mW
STBY = AVDD, Clock Low
Power Supply Rejection
PSR
0.15
0.75
% FS
DYNAMIC PERFORMANCE
2
Signal-to-Noise and Distortion
SINAD
f = 3.58 MHz
46.4
49.1
dB
f = 14 MHz
48
dB
Signal-to-Noise
SNR
f = 3.58 MHz
47.8
49.2
dB
f = 14 MHz
48.5
dB
Total Harmonic Distortion
THD
f = 3.58 MHz
–67.5
–49.5
dB
f = 14 MHz
–60
dB
Spurious Free Dynamic Range
SFDR
f = 3.58 MHz
49.6
65
dB
f = 14 MHz
56
dB
Two-Tone Intermodulation Distortion
3
IMD
–58
dB
f = 44.9 MHz and 45.52 MHz
Differential Phase
DP
0.2
Degree
NTSC 40 IRE Mod Ramp
Differential Gain
DG
0.08
%
FS = 14.3 MHz
Crosstalk Rejection
–62
dB
REV. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com