Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280 Datasheet (PDF) - Analog Devices

AD9280 Datasheet PDF - Analog Devices
Part # AD9280
Download  AD9280 Download
File Size   366.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter

AD9280 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9280 Datasheet PDF - Analog Devices

Part # AD9280
Download  AD9280 Click to download

File Size   366.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter

AD9280 Datasheet (HTML) - Analog Devices


AD9280 Product details

PRODUCT DESCRIPTION
The AD9280 is a monolithic, single supply, 8-bit, 32 MSPS analog-to-digital converter with an on-chip sample-and-hold amplifier and voltage reference. The AD9280 uses a multistage differential pipeline architecture at 32 MSPS data rates and guarantees no missing codes over the full operating temperature range.
The input of the AD9280 has been designed to ease the development of both imaging and communications systems. The user can select a variety of input ranges and offsets and can drive the input either single-ended or differentially.
The sample-and-hold amplifier (SHA) is equally suited for both multiplexed systems that switch full-scale voltage levels in successive channels and sampling single-channel inputs at frequencies up to and beyond the Nyquist rate. AC-coupled input signals can be shifted to a predetermined level, with an onboard clamp circuit. The dynamic performance is excellent.
The AD9280 has an onboard programmable reference. An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the application.

FEATURES
  CMOS 8-Bit 32 MSPS Sampling A/D Converter
  Pin-Compatible with AD876-8
  Power Dissipation: 95 mW (3 V Supply)
  Operation Between +2.7 V and +5.5 V Supply
  Differential Nonlinearity: 0.2 LSB
  Power-Down (Sleep) Mode
  Three-State Outputs
  Out-of-Range Indicator
  Built-In Clamp Function (DC Restore)
  Adjustable On-Chip Voltage Reference
  IF Undersampling to 135 MHz





Similar Part No. - AD9280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
438Kb / 25P
CMOS A/D Converter
REV. E
AD9280-EB AD-AD9280-EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9280-EB AD-AD9280-EB Datasheet
438Kb / 25P
CMOS A/D Converter
REV. E
AD9280ARS AD-AD9280ARS Datasheet
438Kb / 25P
CMOS A/D Converter
REV. E
AD9280ARSRL AD-AD9280ARSRL Datasheet
438Kb / 25P
CMOS A/D Converter
REV. E
More results


Similar Description - AD9280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV.E
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Analog Devices
AD9280ARSZ AD-AD9280ARSZ Datasheet
365Kb / 24P
Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
8-Bit, 50 MSPS, 125 mW A/D Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com