Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4302 Datasheet (PDF) - EPCOS

B4302 Datasheet PDF - EPCOS
Part # B4302
Download  B4302 Download
File Size   118.5 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Low-loss RF filter for mobile telephone

B4302 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4302 Datasheet PDF - EPCOS

Part # B4302
Download  B4302 Click to download

File Size   118.5 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Low-loss RF filter for mobile telephone

B4302 Datasheet (HTML) - EPCOS


B4302 Product details

SAW Components SAW Rx filter

Automotive telematics



Features

■Package size 1.4 x 1.1 x 0.4 mm3

■Package code QCS5M

■RoHS compatible

■Approximate weight 0.003 g

■Package forSurfaceMountTechnology (SMT)

■Ni, gold-plated terminals

■AEC-Q200 qualified component family (operable temperature range -40˚C to +85˚C)

■Electrostatic SensitiveDevice (ESD)



Application

■Low-loss RF filter for mobile telephone

   WCDMA systems, receive path (RX)

■Impedance transformation from 50Ωto 150Ω

■Unbalanced to balanced operation

■Very low insertion attenuation

■Very high Tx-suppression

■Passband with very low error vector magnitude(EVM)

■Low amplitude ripple

■Very low ripple over any 3.84MHz as well as 5.0MHz within the passband

■Usable passband 60 MHz




Similar Part No. - B4302

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B430 EDAL-B430 Datasheet
80Kb / 1P
Silicon Bridge Rectifier
B430-10-1 EDAL-B430-10-1 Datasheet
80Kb / 1P
Silicon Bridge Rectifier
B430-100-1 EDAL-B430-100-1 Datasheet
80Kb / 1P
Silicon Bridge Rectifier
B430-120-1 EDAL-B430-120-1 Datasheet
80Kb / 1P
Silicon Bridge Rectifier
B430-20-1 EDAL-B430-20-1 Datasheet
80Kb / 1P
Silicon Bridge Rectifier
More results


Similar Description - B4302

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
Low Loss Filter for Mobile Telephone PCS system
B4303 EPCOS-B4303 Datasheet
116Kb / 10P
Low-loss RF filter for mobile telephone
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
Low-loss RF filter for mobile telephone
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
Low-loss RF filter for mobile telephone
logo
Transko Electronics, In...
TF-5032-ND TRANSKO-TF-5032-ND Datasheet
443Kb / 4P
Low-loss RF SAW filter for mobile systems
TF-9264-ND TRANSKO-TF-9264-ND Datasheet
440Kb / 4P
Low-loss RF filter for mobile systems
TF-9286-ND TRANSKO-TF-9286-ND Datasheet
446Kb / 4P
Low-loss RF filter for mobile systems
TFB115AC-SH TRANSKO-TFB115AC-SH Datasheet
347Kb / 3P
Low-loss RF filter for mobile telephone Cellular / WCDMA Band V systems.
Revision 0: July 2018
TF-9027-ND TRANSKO-TF-9027-ND Datasheet
413Kb / 3P
Low-loss RF SAW filter for mobile telephone PCN system
TF-9117-ND TRANSKO-TF-9117-ND Datasheet
490Kb / 4P
Low-loss RF filter for mobile systems
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com