Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4303 Datasheet (PDF) - EPCOS

B4303 Datasheet PDF - EPCOS
Part # B4303
Download  B4303 Download
File Size   116.7 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Low-loss RF filter for mobile telephone

B4303 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4303 Datasheet PDF - EPCOS

Part # B4303
Download  B4303 Click to download

File Size   116.7 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Low-loss RF filter for mobile telephone

B4303 Datasheet (HTML) - EPCOS


B4303 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5M
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ AEC-Q200 qualified component family (operable temperature range -40˚C to +85˚C)
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone GSM850 systems, receive path (RX)
■ Impedance transformation from 50 Ω to 150 Ω
■ Unbalanced to balanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband 25 MHz
■ Suitable for GPRS class 1 to 12




Similar Part No. - B4303

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
B4303S LSTD-B4303S Datasheet
521Kb / 2P
Transportation
More results


Similar Description - B4303

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
Low Loss Filter for Mobile Telephone PCS system
B4302 EPCOS-B4302 Datasheet
118Kb / 10P
Low-loss RF filter for mobile telephone
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
Low-loss RF filter for mobile telephone
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
Low-loss RF filter for mobile telephone
logo
Transko Electronics, In...
TF-5032-ND TRANSKO-TF-5032-ND Datasheet
443Kb / 4P
Low-loss RF SAW filter for mobile systems
TF-9264-ND TRANSKO-TF-9264-ND Datasheet
440Kb / 4P
Low-loss RF filter for mobile systems
TF-9286-ND TRANSKO-TF-9286-ND Datasheet
446Kb / 4P
Low-loss RF filter for mobile systems
TFB115AC-SH TRANSKO-TFB115AC-SH Datasheet
347Kb / 3P
Low-loss RF filter for mobile telephone Cellular / WCDMA Band V systems.
Revision 0: July 2018
TF-9027-ND TRANSKO-TF-9027-ND Datasheet
413Kb / 3P
Low-loss RF SAW filter for mobile telephone PCN system
TF-9117-ND TRANSKO-TF-9117-ND Datasheet
490Kb / 4P
Low-loss RF filter for mobile systems
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com