Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9768 Datasheet (PDF) - Analog Devices

AD9768 Datasheet PDF - Analog Devices
Part # AD9768
Download  AD9768 Download
File Size   103.71 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Speed IC D/A Converter

AD9768 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9768 Datasheet PDF - Analog Devices

Part # AD9768
Download  AD9768 Click to download

File Size   103.71 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Speed IC D/A Converter

AD9768 Datasheet (HTML) - Analog Devices


AD9768 Product details

GENERAL DESCRIPTION
The Analog Devices AD9768SD D/A converter is a monolithic current-output converter which can accept 8 bits of ECL-level digital input voltages and convert them into analog signals at update rates as high as 100 MSPS. In addition to its use as a standard D/A converter, it can also be utilized as a two-quadrant multiplying D/A at multiplying bandwidths as high as 40 MHz.

FEATURES
    5 ns Settling Time
    100 MSPS Update Rate
    20 mA Output Current
    ECL-Compatible
    40 MHz Multiplying Mode

APPLICATIONS
    Raster Scan & Vector Graphic Displays
    High Speed Waveform Generation
    Digital VCOs
    Ultrafast Digital Attenuators




Similar Part No. - AD9768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
Ultrahigh Speed IC D/A Converter
REV. A
More results


Similar Description - AD9768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
Ultrahigh-Speed (100 MHz) Photodetector IC
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5140 CADEKA-SPT5140 Datasheet
428Kb / 12P
8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
Ultrahigh Speed IC D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
12-Bit Ultrahigh Speed Monolithic D/A Converter
27-Sep-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com