Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9768 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9768
Description  Ultrahigh Speed IC D/A Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9768 Datasheet(HTML) 4 Page - Analog Devices

  AD9768 Datasheet HTML 1Page - Analog Devices AD9768 Datasheet HTML 2Page - Analog Devices AD9768 Datasheet HTML 3Page - Analog Devices AD9768 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AD9768
REV. A
–4–
If the load resistor (RL) has a value of 50 ohms, if RSET has a
value of 220 ohms, and if VRET is 0 V, the center of the VM
voltage will be –0.6 V; and it can vary from –0.1 V to –1.1 V.
Typically, the frequency of these variations has an upper limit of
250 kHz when operating in the voltage multiplying mode; that
frequency is the 3 dB point of the bandwidth of the internal
reference amplifier.
The combined effects of variations in VM and changes in digital
input values are shown in Figure 3, IOUT vs. Multiplying Volt-
age. In this illustration, the ordinate of the graph is expressed in
terms of milliamps of IOUT current at Pin 13. VOUT, of course,
will be a function of the value of RL chosen by the user.
Figure 3. IOUT vs. Multiplying Voltage
The negative value of VM on the horizontal axis is shown start-
ing at approximately –0.1 V, rather than 0 V, because the
AD9768 must have some small value of voltage applied to per-
form a multiplying function. For the conditions shown in the
figure, output current starts to become nonlinear at approxi-
mately 20 mA because of the maximum 30 mA output drive
capabilities of the device. Different values for RSET and RL
would alter the point where limiting first appears.
CURRENT MULTIPLYING MODE
The AD9768 D/A converter can be operated at markedly higher
multiplying rates when operated in a current-multiplying mode,
as contrasted with the voltage multiplying mode. Refer to Figure
4, Multiplying AD9768SD (Current Mode).
Figure 4. Multiplying AD9768SD (Current Mode)
In this mode, the internal reference amplifier and its inherent
frequency limitations are replaced by a current source comprised
of U1 and associated circuits. These circuits supply a unipolar
current IM which is one-fourth the full-scale output current
(with digital “1” applied to all inputs) and set current flow
through the load resistor.
VIN is some voltage chosen by the user for his particular applica-
tion; the value of this voltage is based in part on the size of the
load resistor and the 0 mA to 5 mA range of IM. VIN can have
frequency components as high as 40 MHz. VADJ and RADJ pro-
vide an offset adjustment to compensate for the dc component
of VIN to assure IM is always a unipolar current between 0 mA
and 5 mA. The values of the required voltages and resistors can
be calculated using the equations which are part of Figure 4.
Refer to Figure 5, IOUT vs. Multiplying Current.
Figure 5. IOUT vs. Multiplying Current
As shown, IM can vary over the range of 0 mA to 5 mA; a value
of approximately 0.3 mA may be the practical lower limit because
of nonlinearities at extremely small current levels. These changes
in IM are combined with variations in digital inputs, producing
complex changes in the output current (at pin 13) and in VOUT.
The “rounding” of the current curve in the graph is the result of
IOUT approaching the 30 mA maximum drive capabilities of the
AD9768 and needs to be taken into account to assure optimum
performance in the selected application.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Ceramic (D-18)
LCC (E-20A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com