Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773 Datasheet (PDF) - Analog Devices

AD9773 Datasheet PDF - Analog Devices
Part # AD9773
Download  AD9773 Download
File Size   218.07 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter

AD9773 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9773 Datasheet PDF - Analog Devices

Part # AD9773
Download  AD9773 Click to download

File Size   218.07 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter

AD9773 Datasheet (HTML) - Analog Devices


AD9773 Product details

GENERAL DESCRIPTION
The AD9773 is the 12-bit member of the AD977x pin compatible, high performance, programmable 2×/4×/8× interpolating TxDAC+® family. The AD977x family features
a serial port interface (SPI) that provides a high level of programmability, thus allowing for enhanced system-level options. These options include selectable 2×/4×/8× interpolation filters; fS/2, fS/4, or fS/8 digital quadrature modulation with image rejection; a direct IF mode; programmable channel gain and offset control; programmable internal clock divider;
straight binary or twos complement data interface; and a single port or dual-port data interface.
The selectable 2×/4×/8× interpolation filters simplify the requirements of the reconstruction filters while simultaneously enhancing the TxDAC+ family’s pass-band noise/distortion
performance. The independent channel gain and offset adjust registers allow the user to calibrate LO feedthrough and side band suppression errors associated with analog quadrature
modulators. The 6 dB of gain adjustment range can also be used to control the output power level of each DAC. 

FEATURES
12-bit resolution, 160 MSPS/400 MSPS
input/output data rate
Selectable 2×/4×/8× interpolating filter
Programmable channel gain and offset adjustment
fS/2, fS/4, fS/8 digital quadrature modulation capabilit
Direct IF transmission mode for 70 MHz + IFs
Enables image rejection architecture
Fully compatible SPI port
Excellent ac performance
SFDR −69 dBc @ 2 MHz to 35 MHz
WCDMA ACPR −69 dB @ IF = 19.2 MHz
Internal PLL clock multiplier
Selectable internal clock divider
Versatile clock input
Differential/single-ended sine wave or
TTL/CMOS/LVPECL compatible
Versatile input data interface
Twos complement/straight binary data coding
Dual-port or single-port interleaved input data
Single 3.3 V supply operation
Power dissipation: typical 1.2 W @ 3.3 V
On-chip 1.2 V reference
80-lead thin quad flat package, exposed pad (TQFP_EP)

APPLICATIONS
Communications
Analog quadrature modulation architecture
3G, multicarrier GSM, TDMA, CDMA systems
Broadband wireless, point-to-point microwave radios
Instrumentation/ATE




Similar Part No. - AD9773

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD9773 AD-AD9773 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD9773 AD-AD9773 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9773-EB AD-AD9773-EB Datasheet
1Mb / 60P
12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
More results


Similar Description - AD9773

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9775 AD-AD9775 Datasheet
5Mb / 48P
14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
AD9777 AD-AD9777 Datasheet
5Mb / 48P
16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
logo
NXP Semiconductors
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Analog Devices
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com