Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet (PDF) - Analog Devices

AD9775 Datasheet PDF - Analog Devices
Part # AD9775
Download  AD9775 Download
File Size   6054.52 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter

AD9775 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9775 Datasheet PDF - Analog Devices

Part # AD9775
Download  AD9775 Click to download

File Size   6054.52 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter

AD9775 Datasheet (HTML) - Analog Devices


AD9775 Product details

GENERAL DESCRIPTION
The AD9775 is the 14-bit member of the AD977x pin compatible, high performance, programmable 2×/4×/8× interpolating TxDAC+ family. The AD977x family features a serial port interface (SPI) that provides a high level of programmability, thus allowing for enhanced system-level options. These options include selectable 2×/4×/8× interpolation filters; fS/2, fS/4, or fS/8 digital quadrature modulation with image rejection; a direct IF mode; programmable channel gain and offset control; programmable internal clock divider; straight binary or twos complement data
interface; and a single-port or dual-port data interface. The selectable 2×/4×/8× interpolation filters simplify the requirements of the reconstruction filters while simultaneously enhancing the pass-band noise/distortion performance of TxDAC+ devices. The independent channel gain and offset adjust registers allow the user to calibrate LO feedthrough and sideband suppression errors associated with analog quadrature modulators. The 6 dB of gain adjustment range can also be used to control the output power level of each DAC.

FEATURES
14-bit resolution, 160 MSPS/400 MSPS input/output data rate
Selectable 2×/4×/8× interpolating filter
Programmable channel gain and offset adjustment
fS/4, fS/8 digital quadrature modulation capability
Direct IF transmission mode for 70 MHz + IFs
Enables image rejection architecture
Fully compatible SPI® port
Excellent ac performance
SFDR: −71 dBc @ 2 MHz to 35 MHz
W-CDMA ACPR: −71 dB @ IF = 19.2 MHz
Internal PLL clock multiplier
Selectable internal clock divider
Versatile clock input
Differential/single-ended sine wave or TTL/CMOS/LVPECL compatible
Versatile input data interface
Twos complement/straight binary data coding
Dual-port or single-port interleaved input data
Single 3.3 V supply operation
Power dissipation: 1.2 W @ 3.3 V typical
On-chip, 1.2 V reference
80-lead, thin quad flat package, exposed pad (TQFP_EP)

APPLICATIONS
Communications
Analog quadrature modulation architecture
3G, multicarrier GSM, TDMA, CDMA systems
Broadband wireless, point-to-point microwave radios
Instrumentation/ATE




Similar Part No. - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9775 AD-AD9775 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD9775 AD-AD9775 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775 AD-AD9775_15 Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2/4/8 Interpolating
Rev. E
More results


Similar Description - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9767 AD-AD9767 Datasheet
469Kb / 27P
14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9773 AD-AD9773 Datasheet
218Kb / 19P
12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
AD9777 AD-AD9777 Datasheet
5Mb / 48P
16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com