Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 4 Page - Analog Devices

  AD9775 Datasheet HTML 1Page - Analog Devices AD9775 Datasheet HTML 2Page - Analog Devices AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
REV. 0
–4–
AD9775
DYNAMIC SPECIFICATIONS
(TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 0 V, IOUTFS = 20 mA,
Interpolation = 2 , Differential Transformer Coupled Output, 50
Doubly Terminated,
unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
400
MSPS
Output Settling Time (tST) (to 0.025%)
11
ns
Output Rise Time (10% to 90%)
*
0.8
ns
Output Fall Time (10% to 90%)
*
0.8
ns
Output Noise (IOUTFS = 20 mA)
50
pA
√Hz
AC LINEARITY—–BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 100 MSPS, fOUT = 1 MHz
71
84.5
dBc
fDATA = 65 MSPS, fOUT = 1 MHz
84
dBc
fDATA = 65 MSPS, fOUT = 15 MHz
80
dBc
fDATA = 78 MSPS, fOUT = 1 MHz
84
dBc
fDATA = 78 MSPS, fOUT = 15 MHz
80
dBc
fDATA = 160 MSPS, fOUT = 1 MHz
82
dBc
fDATA = 160 MSPS, fOUT = 15 MHz
80
dBc
Spurious-Free Dynamic Range within a 1 MHz Window
(fOUT = 0 dBFS, fDATA = 100 MSPS, fOUT = 1 MHz)
73
91.3
dBc
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 65 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
81
dBc
fDATA = 65 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
76
dBc
fDATA = 78 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
81
dBc
fDATA = 78 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
76
dBc
fDATA = 160 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
81
dBc
fDATA = 160 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
76
dBc
Total Harmonic Distortion (THD)
fDATA = 100 MSPS, fOUT = 1 MHz; 0 dBFS
–71
–82.5
dB
Signal-to-Noise Ratio (SNR)
fDATA = 78 MSPS, fOUT = 5 MHz; 0 dBFS
76
dB
fDATA = 160 MSPS, fOUT = 5 MHz; 0 dBFS
74
dB
Adjacent Channel Power Ratio (ACLR)
WCDMA with 3.84 MHz BW, 5 MHz Channel Spacing
IF = Baseband, fDATA = 76.8 MSPS
75
dBc
IF = 19.2 MHz, fDATA = 76.8 MSPS
73
dBc
Four-Tone Intermodulation
21 MHz, 22 MHz, 23 MHz, and 24 MHz at –12 dBFS
75
dBFS
(fDATA = MSPS, Missing Center)
AC LINEARITY—IF MODE
Four-Tone Intermodulation at IF = 200 MHz
MHz, MHz, MHz, and MHz at dBFS
72
dBFS
(fDATA = MSPS, fDAC = MHz)
*Measured single-ended into 50
Ω load.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com