Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
REV. 0
AD9775
–32–
OUTPUT = REAL
COMPLEX BASEBAND
SIGNAL
DC
= REAL
ej( 1 +
2)t
FREQUENCY
– 1 –
2
1 +
2
1
1/2
1/2
Figure 34. Two-Stage Complex Upconversion
IMAGE REJECTION AND SIDEBAND SUPPRESSION OF
MODULATED CARRIERS
As shown in Figure 33, image rejection can be achieved by applying
baseband data to the AD9775 and following the AD9775 with a
quadrature modulator. To process multiple carriers while still
maintaining image reject capability, each carrier must be complex
modulated. As Figure 34 shows, single- or multiple-complex
modulators can be used to synthesize complex carriers. These
complex carriers are then summed and applied to the real and
imaginary inputs of the AD9775. A system in which multiple
baseband signals are complex modulated and then applied to
the AD9775 real and imaginary inputs followed by a quadrature
modulator is shown in Figure 36, which also describes the transfer
function of this system and the spectral output. Note the simi-
larity of the transfer functions given in Figure 36 and Figure 34.
Figure 36 adds an additional complex modulator stage for the
purpose of summing multiple carriers at the AD9775 inputs. Also,
as in Figure 33, the image rejection is not dependent on the real
or imaginary baseband data on any channel. Image rejection on
a channel will occur if either the real or imaginary data, or both,
is present on the baseband channel.
It is important to remember that the magnitude of a complex signal
can be 1.414
× the magnitude of its real or imaginary components.
Due to this 3 dB increase in signal amplitude, the real and imagi-
nary inputs to the AD9775 must be kept at least 3 dB below full
scale when operating with the complex modulator. Overranging
in the complex modulator will result in severe distortion at the
DAC output.
R(1)
BASEBAND CHANNEL 1
REAL INPUT
IMAGINARY INPUT
R(1)
COMPLEX
MODULATOR 1
BASEBAND CHANNEL N
REAL INPUT
IMAGINARY INPUT
COMPLEX
MODULATOR N
R(N)
R(N)
BASEBAND CHANNEL 2
REAL INPUT
IMAGINARY INPUT
R(2)
R(2)
COMPLEX
MODULATOR 2
R(N) = REAL OUTPUT OF N
I(N) = IMAGINARY OUTPUT OF N
MULTICARRIER
REAL OUTPUT =
R(1) + R(2) + ...R(N)
(TO REAL INPUT OF AD9775)
MULTICARRIER
IMAGINARY OUTPUT =
I(1) + I(2) + ...I(N)
(TO IMAGINARY INPUT OF AD9775)
Figure 35. Synthesis of Multicarrier Complex Signal
REAL
IMAGINARY
MULTIPLE
COMPLEX
MODULATORS
FREQUENCY =
1,
2...
N
REAL
IMAGINARY
REAL
IMAGINARY
AD9775
COMPLEX
MODULATOR
FREQUENCY =
C
QUADRATURE
MODULATOR
FREQUENCY =
Q
MULTIPLE
BASEBAND
CHANNELS
REAL
REJECTED IMAGES
DC
– 1 – C – Q
1 +
C +
Q
OUTPUT = REAL
ej( N +
C +
Q)t
COMPLEX BASEBAND
SIGNAL
Figure 36. Image Rejection with Multicarrier Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com