Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9806 Datasheet (PDF) - Analog Devices

AD9806 Datasheet PDF - Analog Devices
Part # AD9806
Download  AD9806 Download
File Size   134.6 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 10-Bit 18 MSPS CCD Signal Processor

AD9806 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9806 Datasheet PDF - Analog Devices

Part # AD9806
Download  AD9806 Click to download

File Size   134.6 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 10-Bit 18 MSPS CCD Signal Processor

AD9806 Datasheet (HTML) - Analog Devices


AD9806 Product details

PRODUCT DESCRIPTION

The AD9806 is a complete analog signal processor for CCD applications. It features an 18 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The AD9806’s signal chain consists of an input clamp, correlated double sampler (CDS), digitally programmable gain amplifier (PGA), black level clamp, and 10-bit A/D converter. Additional input modes are provided for processing analog video signals.



FEATURES

Pin-Compatible with Industry Standard AD9803

18 MSPS Correlated Double Sampler (CDS)

Low Noise PGA with 0 dB to 34 dB Gain Range

Low Noise Clamp Circuits

Analog Preblanking Function

10-Bit 18 MSPS A/D Converter

AUX Input with Input Clamp and PGA

Direct ADC Input with Input Clamp

AUXMID Input with PGA

3-Wire Serial Interface for Digital Control

Two Auxiliary 8-Bit DACs

3 V Single Supply Operation

Low Power: 65 mW @ 2.7 V Supply

48-Lead LQFP Package




Similar Part No. - AD9806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
More results


Similar Description - AD9806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9804 AD-AD9804 Datasheet
379Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com