Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9843A Datasheet (PDF) - Analog Devices

AD9843A Datasheet PDF - Analog Devices
Part # AD9843A
Download  AD9843A Download
File Size   170.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 10-Bit 20 MSPS CCD Signal Processor

AD9843A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9843A Datasheet PDF - Analog Devices

Part # AD9843A
Download  AD9843A Click to download

File Size   170.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 10-Bit 20 MSPS CCD Signal Processor

AD9843A Datasheet (HTML) - Analog Devices


AD9843A Product details

PRODUCT DESCRIPTION
The AD9843A is a complete analog signal processor for CCD applications. It features a 20 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The AD9843A’s signal chain consists of an input clamp, correlated double sampler (CDS), digitally controlled variable gain amplifier (VGA), black level clamp, and 10-bit A/D converter. Additional input modes are provided for processing analog video signals.

FEATURES
    20 MSPS Correlated Double Sampler (CDS)
    4 dB ± 6 dB Variable CDS Gain with 6-Bit Resolution
    2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
    Low Noise Clamp Circuits
    Analog Preblanking Function
    10-Bit 20 MSPS A/D Converter
    Auxiliary Inputs with VGA and Input Clamp
    3-Wire Serial Digital Interface
    3 V Single Supply Operation
    Low Power: 65 mW @ 2.7 V Supply
    48-Lead LQFP Package

APPLICATIONS
    Digital Still Cameras
    Digital Video Camcorders
    PC Cameras




Similar Part No. - AD9843A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
More results


Similar Description - AD9843A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
134Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9804 AD-AD9804 Datasheet
379Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com