Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOK29S50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOK29S50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOK29S50
Download  AOK29S50 Download
File Size   244.72 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V 29A a MOS Power Transistor

AOK29S50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOK29S50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOK29S50
Download  AOK29S50 Click to download

File Size   244.72 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V 29A a MOS Power Transistor

AOK29S50 Datasheet (HTML) - Alpha & Omega Semiconductors


AOK29S50 Product details

General Description
The AOK29S50 has been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability this part can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOK29S50L

Product Summary
   VDS @ Tj,max   600V
   IDM                    120A
   RDS(ON),max  0.15Ω
   Qg,typ             26.6nC
   Eoss @ 400V    6.3µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOK29S50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK29S50 ISC-AOK29S50 Datasheet
422Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOK29S50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
600V 7A a MOS Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
600V 20A a MOS Power Transistor
AOB25S65 AOSMD-AOB25S65 Datasheet
317Kb / 7P
650V 25A a MOS Power Transistor
AOB27S60 AOSMD-AOB27S60 Datasheet
301Kb / 6P
600V 27A a MOS Power Transistor
AOB29S50 AOSMD-AOB29S50 Datasheet
330Kb / 7P
500V 29A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
600V 7A a MOS Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
650V 7A a MOS Power Transistor
AOW29S50 AOSMD-AOW29S50 Datasheet
256Kb / 6P
500V 29A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com