Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW29S50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW29S50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW29S50
Download  AOW29S50 Download
File Size   256.58 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V 29A a MOS TM Power Transistor

AOW29S50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW29S50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW29S50
Download  AOW29S50 Click to download

File Size   256.58 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V 29A a MOS TM Power Transistor

AOW29S50 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW29S50 Product details

General Description
The AOW29S50 has been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability this part can be adopted quickly into new and existing offline power supply designs. 

Product Summary
   VDS @ Tj,max  600V
   IDM                   120A
   RDS(ON),max 0.15Ω
   Qg,typ            26.6nC
   Eoss @ 400V   6.3µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOW29S50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW29S50 ISC-AOW29S50 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOW29S50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB29S50 AOSMD-AOB29S50 Datasheet
330Kb / 7P
500V 29A a MOS Power Transistor
AOK29S50 AOSMD-AOK29S50 Datasheet
244Kb / 6P
500V 29A a MOS Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com