Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9848 Datasheet (PDF) - Analog Devices

AD9848 Datasheet PDF - Analog Devices
Part # AD9848
Download  AD9848 Download
File Size   347.6 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processors with Integrated Timing Driver

AD9848 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9848 Datasheet PDF - Analog Devices

Part # AD9848
Download  AD9848 Click to download

File Size   347.6 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processors with Integrated Timing Driver

AD9848 Datasheet (HTML) - Analog Devices


AD9848 Product details

PRODUCT DESCRIPTION
The AD9848 and AD9849 are highly integrated CCD signal processors for digital still camera applications. Both include a complete analog front end with A/D conversion, combined with a programmable timing driver. The Precision Timing core allows adjustment of high speed clocks with approximately 1 ns resolution.

FEATURES
   AD9848: 10-Bit, 20 MHz Version
   AD9849: 12-Bit, 30 MHz Version
   Correlated Double Sampler (CDS)
   –2 dB to +10 dB Pixel Gain Amplifier (PxGA®)
   2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
   10-Bit 20 MHz A/D Converter (AD9848)
   12-Bit 30 MHz A/D Converter (AD9849)
   Black Level Clamp with Variable Level Control
   Complete On-Chip Timing Driver
   Precision Timing™ Core with 1 ns Resolution @ 20 MSPS
   On-Chip 3 V Horizontal and RG Drivers (AD9848)
   On-Chip 5 V Horizontal and RG Drivers (AD9849)
   48-Lead LQFP Package

APPLICATIONS
   Digital Still Cameras




Similar Part No. - AD9848

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9848AKST AD-AD9848AKST Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9848 AD-AD9848_15 Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
More results


Similar Description - AD9848

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9847 AD-AD9847 Datasheet
428Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKSTZ AD-AD9847AKSTZ Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9849AKSTZ AD-AD9849AKSTZ Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9848 AD-AD9848_15 Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9849 AD-AD9849_15 Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9895 AD-AD9895_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9891 AD-AD9891 Datasheet
521Kb / 58P
CCD Signal Processors with Precision Timing??Generator
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com