Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9891 Datasheet (PDF) - Analog Devices

AD9891 Datasheet PDF - Analog Devices
Part # AD9891
Download  AD9891 Download
File Size   521.54 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processors with Precision Timing??Generator

AD9891 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9891 Datasheet PDF - Analog Devices

Part # AD9891
Download  AD9891 Click to download

File Size   521.54 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processors with Precision Timing??Generator

AD9891 Datasheet (HTML) - Analog Devices


AD9891 Product details

PRODUCT DESCRIPTION
The AD9891 and AD9895 are highly integrated CCD signal processors for digital still camera applications. Both include a complete analog front end with A/D conversion combined with a full-function programmable timing generator. A Precision Timing core allows adjustment of high speed clocks with 1 ns resolution at 20 MHz operation and 700 ps resolution at 30 MHz operation.

FEATURES
   AD9891: 10-Bit 20 MHz Version
   AD9895: 12-Bit 30 MHz Version
   Correlated Double Sampler (CDS)
   4 ±6 dB Pixel Gain Amplifier (PxGA®)
   2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
   10-Bit 20 MHz A/D Converter (AD9891)
   12-Bit 30 MHz A/D Converter (AD9895)
   Black Level Clamp with Variable Level Control
   Complete On-Chip Timing Generator
   Precision Timing Core with 1 ns Resolution
   On-Chip 5 V Horizontal and RG Drivers
   2-Phase and 4-Phase H-Clock Modes
   4-Phase Vertical Transfer Clocks
   Electronic and Mechanical Shutter Modes
   On-Chip Driver for External Crystal
   On-Chip Sync Generator with External Sync Option
   64-Lead CSPBGA Package

APPLICATIONS
   Digital Still Cameras
   Digital Video Camcorders
   Industrial Imaging




Similar Part No. - AD9891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
More results


Similar Description - AD9891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9895 AD-AD9895_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com