Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNH10C104DA20TS Datasheet (PDF) - Kyocera Kinseki Corpotation

KNH10C104DA20TS Datasheet PDF - Kyocera Kinseki Corpotation
Part # KNH10C104DA20TS
Download  KNH10C104DA20TS Download
File Size   160.44 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0402 Size. Rated current up to 2A MAX.

KNH10C104DA20TS Datasheet (PDF)

Go To PDF Page Download Datasheet
KNH10C104DA20TS Datasheet PDF - Kyocera Kinseki Corpotation

Part # KNH10C104DA20TS
Download  KNH10C104DA20TS Click to download

File Size   160.44 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0402 Size. Rated current up to 2A MAX.

KNH10C104DA20TS Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - KNH10C104DA20TS

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KNH21221 KSS-KNH21221 Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21471 KSS-KNH21471 Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21473 KSS-KNH21473 Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21C105DA KSS-KNH21C105DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
More results


Similar Description - KNH10C104DA20TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Kyocera Kinseki Corpota...
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907 Datasheet
167Kb / 1P
Rated DC Current 5.0A Max
logo
Integrated Device Techn...
89HPES4T4G2 IDT-89HPES4T4G2 Datasheet
698Kb / 30P
Support for Max Payload Size up to 2Kbytes
89HPES24T6G2 IDT-89HPES24T6G2 Datasheet
1Mb / 54P
Support for Max Payload Size up to 2048 bytes
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
logo
TRINAMIC Motion Control...
TMC7300-EVAL TRINAMIC-TMC7300-EVAL Datasheet
1Mb / 10P
2 DC motors with up to 2A current
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com