Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNH21C104DA Datasheet (PDF) - Kyocera Kinseki Corpotation

KNH21C104DA Datasheet PDF - Kyocera Kinseki Corpotation
Part # KNH21C104DA
Download  KNH21C104DA Download
File Size   282.5 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0805 Size. Rated current up to 6A MAX

KNH21C104DA Datasheet (PDF)

Go To PDF Page Download Datasheet
KNH21C104DA Datasheet PDF - Kyocera Kinseki Corpotation

Part # KNH21C104DA
Download  KNH21C104DA Click to download

File Size   282.5 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0805 Size. Rated current up to 6A MAX

KNH21C104DA Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - KNH21C104DA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KNH10 KSS-KNH10 Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
KNH10C104DA20TS KSS-KNH10C104DA20TS Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
KNH10C224DA20TS KSS-KNH10C224DA20TS Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
KNH10C474DA20TS KSS-KNH10C474DA20TS Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
logo
KIA Semiconductor Techn...
KNH3206A KIA-KNH3206A Datasheet
205Kb / 7P
110A竊?0V N-CHANNEL MOSFET
More results


Similar Description - KNH21C104DA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
logo
Semtech Corporation
1N5807 SEMTECH-1N5807 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
logo
PREMO CORPORATION S.L
CM-020 PREMO-CM-020 Datasheet
174Kb / 1P
SMD Current Transformer Up to 6A
logo
Kyocera Kinseki Corpota...
KNH10 KSS-KNH10 Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907 Datasheet
167Kb / 1P
Rated DC Current 5.0A Max
logo
Integrated Device Techn...
89HPES4T4G2 IDT-89HPES4T4G2 Datasheet
698Kb / 30P
Support for Max Payload Size up to 2Kbytes
89HPES24T6G2 IDT-89HPES24T6G2 Datasheet
1Mb / 54P
Support for Max Payload Size up to 2048 bytes
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
logo
CIT Relay & Switch
J098 CIT-J098 Datasheet
92Kb / 3P
Switching capacity up to 6A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com