Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG602 Datasheet (PDF) - Analog Devices

ADG602 Datasheet PDF - Analog Devices
Part # ADG602
Download  ADG602 Download
File Size   132.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 ohm CMOS -5 V/5 V, SPST SWITCHES

ADG602 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG602 Datasheet PDF - Analog Devices

Part # ADG602
Download  ADG602 Click to download

File Size   132.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 ohm CMOS -5 V/5 V, SPST SWITCHES

ADG602 Datasheet (HTML) - Analog Devices


ADG602 Product details

GENERAL DESCRIPTION
The ADG601/ADG602 are monolithic, CMOS single-pole single-throw (SPST) switches with on resistance typically less than 2.5 Ω. The low on-resistance flatness makes the ADG601/ADG602 ideally suited to many applications, particularly those requiring low distortion. These switches are ideal replacements for mechanical relays because they are more reliable, have lower power requirements, and are available in much smaller package sizes.
   
FEATURES
    Low on resistance, 2.5 Ω maximum
    <0.65 Ω on-resistance flatness
    Dual ±2.7 V to ±5.5 V or single +2.7 V to +5.5 V supplies
    Rail-to-rail input signal range
    Tiny, 6-lead SOT-23; 8-lead MSOP; and 820 μm × 2255 μm die
    Low power consumption
    TTL-/CMOS-compatible inputs
   
APPLICATIONS
    Automatic test equipment
    Power routing
    Communication systems
    Data acquisition systems
    Sample-and-hold systems
    Avionics
    Relay replacement
    Battery-powered systems
   




Similar Part No. - ADG602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG602BRM AD-ADG602BRM Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRM-REEL AD-ADG602BRM-REEL Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRM-REEL7 AD-ADG602BRM-REEL7 Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRMZ AD-ADG602BRMZ Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRMZ-REEL7 AD-ADG602BRMZ-REEL7 Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
More results


Similar Description - ADG602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
ADG662 AD-ADG662_15 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com