Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG719 Datasheet (PDF) - Analog Devices

ADG719 Datasheet PDF - Analog Devices
Part # ADG719
Download  ADG719 Download
File Size   117.31 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm SPDT Switch

ADG719 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG719 Datasheet PDF - Analog Devices

Part # ADG719
Download  ADG719 Click to download

File Size   117.31 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm SPDT Switch

ADG719 Datasheet (HTML) - Analog Devices


ADG719 Product details

GENERAL DESCRIPTION
The ADG719 is a monolithic CMOS SPDT switch. This switch is designed on a submicron process that provides low power dissipation yet gives high switching speed, low on resistance, and low leakage currents.
The ADG719 can operate from a single-supply range of 1.8 V to 5.5 V, making it ideal for use in battery-powered instruments and with the new generation of DACs and ADCs from Analog Devices, Inc.

FEATURES
   1.8 V to 5.5 V single supply
   4 Ω (max) on resistance
   0.75 Ω (typ) on resistance flatness
   −3 dB bandwidth > 200 MHz
   Rail-to-rail operation
   6-Lead SOT-23 package and 8-Lead MSOP package
   Fast switching times:
      tON = 12 ns
      tOFF = 6 ns
   Typical power consumption: (< 0.01 μW)
   TTL/CMOS compatible

APPLICATIONS
   Battery-powered systems
   Communication systems
   Sample-and-hold systems
   Audio signal routing
   Video switching
   Mechanical reed relay replacement




Similar Part No. - ADG719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719BRM AD-ADG719BRM Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL AD-ADG719BRM-REEL Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL7 AD-ADG719BRM-REEL7 Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRMZ AD-ADG719BRMZ Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
More results


Similar Description - ADG719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736 AD-ADG736 Datasheet
99Kb / 8P
CMOS Low Voltage 4 ohm Dual SPDT Switch
REV.0
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
0.4-ohm Low Voltage SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
15-Nov-04
logo
Analog Devices
ADG736L AD-ADG736L Datasheet
269Kb / 12P
CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
30-Apr-07
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
0.8(OHM) Low-Voltage SPDT Analog Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com